Electronic Components Datasheet Search
  English  ▼

X  

MAX1620EEE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1620EEE
Description  Digitally Adjustable LCD Bias Supplies
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1620EEE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1620EEE Datasheet HTML 1Page - Maxim Integrated Products MAX1620EEE Datasheet HTML 2Page - Maxim Integrated Products MAX1620EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1620EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1620EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1620EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1620EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1620EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1620EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
General Description
The MAX1620/MAX1621 convert a 1.8V to 20V battery
voltage to a positive or negative LCD backplane bias
voltage. Backplane bias voltage can be automatically
disabled when the display logic voltage is removed,
protecting the display. These devices use very little PC
board area, come in ultra-small QSOP packages, and
require only small, low-profile external components.
Output voltage can be set to a desired positive or nega-
tive voltage range with external resistors, and adjusted
over that range with the on-board digital-to-analog con-
verter (DAC) or with a potentiometer. The MAX1620/
MAX1621 include a 5-bit DAC, allowing digital software
control of the bias voltage. The MAX1620 uses up/down
digital signaling to adjust the DAC, and the MAX1621
uses the System Management Bus (SMBus™) 2-wire
serial interface.
These devices use a low-cost, external, N-channel MOSFET
power switch or NPN transistor, and can be configured
for positive or negative output voltages. Operating cur-
rent is a low 150µA, typically provided from a display’s
logic supply of 3.0V to 5.5V. The MAX1620/MAX1621 are
available in a 16-pin QSOP package.
Applications
Notebook Computers
Palmtop Computers
Personal Digital Assistants
Portable Data-Collection Terminals
Features
o 1.8V to 20V Battery Input Voltage
o Automatic Disable when Display Logic
is Shut Down
o Extremely Small QSOP Package
o 32-Level Internal DAC
o SMBus Serial Interface (MAX1621)
o Positive or Negative Output Voltage
Digitally Adjustable LCD Bias Supplies
________________________________________________________________
Maxim Integrated Products
1
PART
MAX1620EEE
MAX1621EEE
-40°C to +85°C
-40°C to +85°C
TEMP. RANGE
PIN-PACKAGE
16 QSOP
16 QSOP
EVALUATION
KIT MANUAL
FOLLOWS
DATA
SHEET
Ordering Information
19-1214; Rev 1; 1/98
LX
DHI
DLO
PGND
DOUT
FB
VDD
POL
SHDN
DN
UP
REF
AGND
MAX1620
12.5V
TO
23.5V OUT
2V TO
12V
3V TO
5.5V
ON/OFF
DOWN
UP
LCDON
POK
BATT
Typical Operating Circuit
SMBus is a trademark of Intel Corp.
Pin Configuration
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
DHI
DLO
LX
PGND
AGND
VDD
DOUT
FB
DN (SDA)
UP (SCL)
BATT
SHDN (SUS)
POK
REF
POL
LCDON
TOP VIEW
MAX1620
MAX1621
QSOP
( ) ARE FOR MAX1621 ONLY.
8
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.


Similar Part No. - MAX1620EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX162 MAXIM-MAX162 Datasheet
619Kb / 16P
Complete High-Speed CMOS 12-Bit ADC
19-0895; Rev 1; 3/91
MAX162-MX7572 MAXIM-MAX162-MX7572 Datasheet
619Kb / 16P
Complete High-Speed CMOS 12-Bit ADC
19-0895; Rev 1; 3/91
MAX1623 MAXIM-MAX1623 Datasheet
164Kb / 12P
3A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
19-1436; Rev 1; 9/99
MAX1623 MAXIM-MAX1623 Datasheet
242Kb / 12P
3A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
2002
MAX1623EAP MAXIM-MAX1623EAP Datasheet
164Kb / 12P
3A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
19-1436; Rev 1; 9/99
More results

Similar Description - MAX1620EEE

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXLB1600 ZETEX-ZXLB1600 Datasheet
232Kb / 7P
LCD BIAS BOOST CONVERTER
logo
Maxim Integrated Produc...
MAX1610 MAXIM-MAX1610 Datasheet
137Kb / 20P
Digitally Controlled CCFL Backlight Power Supplies
19-1128; Rev 0; 9/96
MAX749 MAXIM-MAX749 Datasheet
105Kb / 12P
Digitally Adjustable LCD Bias Supply
Rev 1; 2/95
AN629 MAXIM-AN629 Datasheet
58Kb / 6P
Digitally Adjustable Voltage References
Jul 01, 2001
logo
Texas Instruments
TPS61045 TI-TPS61045 Datasheet
499Kb / 20P
DIGITALLY ADJUSTABLE LCD BOOST CONVERTER
TPS65170 TI-TPS65170 Datasheet
4Mb / 33P
LCD Bias Supply
logo
M/A-COM Technology Solu...
MAUC-011009 MA-COM-MAUC-011009 Datasheet
1Mb / 14P
Variable Gain with Adjustable Bias
logo
Texas Instruments
TPS61045 TI1-TPS61045_14 Datasheet
1Mb / 26P
TPS61045 Digitally Adjustable Boost Converter
logo
Analog Devices
ADA4961 AD-ADA4961 Datasheet
1Mb / 25P
Digitally adjustable gain
REV. A
logo
Texas Instruments
TPS61045 TI1-TPS61045_17 Datasheet
1Mb / 26P
Digitally Adjustable Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com