Electronic Components Datasheet Search
  English  ▼

X  

MAX1620EEE Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX1620EEE
Description  Digitally Adjustable LCD Bias Supplies
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1620EEE Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX1620EEE Datasheet HTML 9Page - Maxim Integrated Products MAX1620EEE Datasheet HTML 10Page - Maxim Integrated Products MAX1620EEE Datasheet HTML 11Page - Maxim Integrated Products MAX1620EEE Datasheet HTML 12Page - Maxim Integrated Products MAX1620EEE Datasheet HTML 13Page - Maxim Integrated Products MAX1620EEE Datasheet HTML 14Page - Maxim Integrated Products MAX1620EEE Datasheet HTML 15Page - Maxim Integrated Products MAX1620EEE Datasheet HTML 16Page - Maxim Integrated Products MAX1620EEE Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Digitally Adjustable LCD Bias Supplies
______________________________________________________________________________________
13
Reserved for future use.
DAC Register Data
Reserved for future use.
If the voltage applied to POK is
greater than 0.992V and the
MAX1621 is not shut down, this bit
returns 1; otherwise, it returns 0.
DESCRIPTION
—
5
D4 (MSB)
D3
D2
D1
D0
4
3
2
1
0
—
6
POK
7
NAME
BIT
With SUS = high,
1 = LCD on, and
0 = LCD off.
DAC Input Data
With SUS = high,
1 = operating, and
0 = shutdown.
Register Select. A one in
this bit writes the next two
bits into the OPR register
and the remaining five bits
into the DAC register
(Figure 7).
DESCRIPTION
1
OPR-LCDON
5
1
0
0
0
0
D4 (MSB)
D3
D2
D1
D0
4
3
2
1
0
1
OPR-SHDN
6
—
REGSEL
7
NAME
POR
STATE*
BIT
Table 2. MAX1621 Configuration Byte
with REGSEL = 1 (write to OPR register)
*
Initial register state after power-up.
Table 3. MAX1621 Status Bits
With SUS = low,
1 = LCD on, and
0 = LCD off.
DAC Input Data
With SUS = low,
1 = operating, and
0 = shutdown.
Register Select. A zero in
this bit writes the next two
bits into the SUS register
and the remaining five bits
into the DAC register
(Figure 7).
DESCRIPTION
0
SUS-LCDON
5
1
0
0
0
0
D4 (MSB)
D3
D2
D1
D0
4
3
2
1
0
0
SUS-SHDN
6
—
REGSEL
7
POR
STATE*
BIT
NAME
*
Initial register state after power-up.
Table 1. MAX1621 Configuration Byte
with REGSEL = 0 (write to SUS register)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com