Electronic Components Datasheet Search
  English  ▼

X  

MAX1620EEE Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1620EEE
Description  Digitally Adjustable LCD Bias Supplies
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1620EEE Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1620EEE Datasheet HTML 2Page - Maxim Integrated Products MAX1620EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1620EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1620EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1620EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1620EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1620EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1620EEE Datasheet HTML 9Page - Maxim Integrated Products MAX1620EEE Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Digitally Adjustable LCD Bias Supplies
6
_______________________________________________________________________________________
_____________________________Typical Operating Characteristics (continued)
(VDD = 5V, VBATT = 10V, L1 = 100µH, TA = +25°C, unless otherwise noted.)
0.70
0.75
0.80
0.85
0.90
0.95
1.00
-26
-24
-22
-20
-18
-16
-14
-12
EFFICIENCY vs. OUTPUT VOLTAGE
OUTPUT VOLTAGE (V)
-10mA
-20mA
0.70
0.75
0.80
0.85
0.90
0.95
1.00
2
4
6
8
10
12
14
16
18
20
EFFICIENCY vs. VBATT
VBATT (V)
+20V, +10mA
-20V, -10mA
0
20
40
60
80
100
120
140
160
180
200
0
1
234
5
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
100
125
150
175
200
-40
-20
0
20
40
60
80
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
1.49
1.50
1.51
-40
-20
0
20
40
60
80
REFERENCE VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
0
2
4
6
8
10
12
14
16
18
20
0
1
234
5
SHUTDOWN SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
6
8
10
12
14
16
18
20
-40
-20
0
20
40
60
80
SHUTDOWN SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
18.0
18.5
19.0
19.5
20.0
20.5
21.0
21.5
22.0
2.5
3.0
3.5
4.0
4.5
5.0
k-FACTOR vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
18.0
18.5
19.0
19.5
20.0
20.5
21.0
21.5
22.0
-60 -40
-20
0
20
40
60
80
100
k-FACTOR vs. TEMPERATURE
TEMPERATURE (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com