Electronic Components Datasheet Search
  English  ▼

X  

MAX1641EEE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1641EEE
Description  Adjustable-Output, Switch-Mode Current Sources with Synchronous Rectifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1641EEE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1641EEE Datasheet HTML 1Page - Maxim Integrated Products MAX1641EEE Datasheet HTML 2Page - Maxim Integrated Products MAX1641EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1641EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1641EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1641EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1641EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1641EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1641EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
_______________General Description
The MAX1640/MAX1641 CMOS, adjustable-output,
switch-mode current sources operate from a +5.5V to
+26V input, and are ideal for microprocessor-controlled
battery chargers. Charging current, maximum output
voltage, and pulse-trickle charge are programmed with
external resistors. Programming the off-time modifies
the switching frequency, suppressing undesirable har-
monics in noise-sensitive circuits. The MAX1640’s high-
side current sensing allows the load to connect directly
to ground, eliminating ground-potential errors. The
MAX1641 incorporates a low-side current sense.
The MAX1640/MAX1641 step-down pulse-width-modu-
lation (PWM) controllers use an external P-channel
MOSFET switch and an optional, external N-channel
MOSFET synchronous rectifier for increased efficiency.
An internal low-dropout linear regulator provides power
for the internal reference and circuitry as well as the
gate drive for the N-channel synchronous rectifier.
The MAX1640/MAX1641 are available in space-saving,
16-pin narrow QSOP packages.
________________________Applications
Battery-Powered Equipment
Laptop, Notebook, and Palmtop Computers
Handy Terminals
Portable Consumer Products
Cordless Phones
Cellular Phones
PCS Phones
Backup Battery Charger
____________________________Features
o 95% Efficiency
o +5.5V to +26V Input Supply Range
o 2V to 24V Adjustable-Output Voltage Range
o 100% Maximum Duty Cycle (Low Dropout)
o Up to 500kHz PWM Operation
o Optional Synchronous Rectifier
o 16-Pin QSOP Package
o Current-Sense Accuracy: 2% (MAX1641)
5.3% (MAX1640)
Adjustable-Output, Switch-Mode
Current Sources with Synchronous Rectifier
________________________________________________________________
Maxim Integrated Products
1
__________________Pin Configuration
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
LDOL
IN
LDOH
PDRV
NDRV
PGND
CS+
CS-
GND
TOP VIEW
MAX1640
MAX1641
QSOP
TOFF
D1
REF
D0
CC
SET
TERM
19-1245; Rev 0; 7/97
PART
MAX1640C/D
MAX1640EEE
MAX1641C/D
0°C to +70°C
-40°C to +85°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
Dice*
16 QSOP
Dice*
______________Ordering Information
*
Dice are specified at TA = +25°C, DC parameters only.
MAX1641EEE
-40°C to +85°C
16 QSOP
IN
LDOH
PDRV
NDRV
P
PGND
CS+
CS-
TERM
LDOL
GND
OUT
D0
VIN = +5.5V TO +26V
D1
TOFF
RTOFF
REF
SET
CC
MAX1640
__________Typical Operating Circuit
EVALUATION
KIT
AVAILABLE
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 408-737-7600 ext. 3468.


Similar Part No. - MAX1641EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1641EEE+ MAXIM-MAX1641EEE+ Datasheet
287Kb / 12P
Adjustable-Output, Switch-Mode Current Sources with Synchronous Rectifier
Rev 2; 5/09
More results

Similar Description - MAX1641EEE

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM134 NSC-LM134 Datasheet
273Kb / 14P
3-Terminal Adjustable Current Sources
logo
STMicroelectronics
LM134-LM234 STMICROELECTRONICS-LM134-LM234 Datasheet
109Kb / 10P
THREE TERMINAL ADJUSTABLE CURRENT SOURCES
Oct-1997
logo
Intersil Corporation
ISL6752 INTERSIL-ISL6752_06 Datasheet
447Kb / 16P
ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
April 4, 2006
logo
National Semiconductor ...
LM134 NSC-LM134_05 Datasheet
755Kb / 14P
3-Terminal Adjustable Current Sources
logo
STMicroelectronics
LM134 STMICROELECTRONICS-LM134_07 Datasheet
500Kb / 16P
Three terminal adjustable current sources
29-May-2007
logo
Maxim Integrated Produc...
MAX1640 MAXIM-MAX1640_09 Datasheet
287Kb / 12P
Adjustable-Output, Switch-Mode Current Sources with Synchronous Rectifier
Rev 2; 5/09
logo
Intersil Corporation
ISL6752 INTERSIL-ISL6752 Datasheet
466Kb / 16P
ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
ISL6752AAZA-T INTERSIL-ISL6752AAZA-T Datasheet
466Kb / 16P
ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
October 31, 2008
ISL6752AAZA INTERSIL-ISL6752AAZA Datasheet
463Kb / 16P
ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
October 31, 2008
logo
Renesas Technology Corp
ISL6752 RENESAS-ISL6752 Datasheet
964Kb / 18P
ZVS Full-Bridge Current-Mode PWM with Adjustable Synchronous Rectifier Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com