Electronic Components Datasheet Search
  English  ▼

X  

MAX1641EEE Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1641EEE
Description  Adjustable-Output, Switch-Mode Current Sources with Synchronous Rectifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1641EEE Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1641EEE Datasheet HTML 1Page - Maxim Integrated Products MAX1641EEE Datasheet HTML 2Page - Maxim Integrated Products MAX1641EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1641EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1641EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1641EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1641EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1641EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1641EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Adjustable-Output, Switch-Mode
Current Source with Synchronous Rectifier
_______________________________________________________________________________________
5
____________________________Typical Operating Characteristics (continued)
(Circuit of Figure 2, TA = +25°C, unless otherwise noted.)
A: OUTPUT CURRENT, D0 = D1 = 0 1A/div
VIN = 12V, VSET = 1V, RLOAD = 4Ω, NO OUTPUT CAPACITOR
B: LOAD VOLTAGE, AC coupled, 500mV/div
CURRENT-MODE CHANGE RESPONSE TIME
A
B
2ms/div
0A
0V
B
A
EXITING OFF MODE
A: D0 = D1 = 1 2V/div
VIN = 12V, RLOAD = 4Ω
B: OUTPUT CURRENT, 0.5A/div
20
µs/div
______________________________________________________________Pin Description
NAME
FUNCTION
1
LDOL
Internal, Ground-Referenced Low-Dropout Linear Regulator Output.
Bypass with a 0.1µF capacitor in parallel with a 4.7µF capacitor to GND.
2
TOFF
Off-Time Select Input. A resistor (RTOFF) connected from this pin to GND programs the off-time for the hys-
teretic PWM step-down converter. This resistor also sets the period in duty-cycle mode. See
Duty-Cycle
Mode and Programming the Off-Time.
PIN
3, 4
D1, D0
Digital Inputs. Select mode of operation (Table 1).
5
CC
Constant-Current Loop Compensation Input. Bypass with a 0.01µF capacitor to GND.
8
TERM
Maximum Output Voltage Termination Input. When VTERM exceeds the reference voltage, the comparator
resets the internal PWM latch, shutting off the external P-channel FET.
7
SET
Current Select Input. Program the desired current level by applying a voltage at SET between 0V and VREF,
(I = VSET / 13.3RSENSE). See Figure 3.
6
REF
Reference Voltage Output (VREF = 2V). Bypass with a 0.1µF capacitor to GND.
13
NDRV
Gate Drive for an optional N-channel FET synchronous rectifier
12
PGND
High-Current Ground Return for the output drivers
11
CS+
Positive Current-Sense Comparator Input
10
CS-
Negative Current-Sense Comparator Input
9
GND
Ground
14
PDRV
Gate Drive for the P-channel FET
15
LDOH
Internal, Input-Referenced Low-Dropout Linear Regulator Output.
Bypass with a 0.33µF capacitor to IN.
16
IN
Power-Supply Input. Input of the internal, low-dropout linear regulators.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com