Electronic Components Datasheet Search
  English  ▼

X  

MAX1641EEE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1641EEE
Description  Adjustable-Output, Switch-Mode Current Sources with Synchronous Rectifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1641EEE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1641EEE Datasheet HTML 1Page - Maxim Integrated Products MAX1641EEE Datasheet HTML 2Page - Maxim Integrated Products MAX1641EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1641EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1641EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1641EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1641EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1641EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1641EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Adjustable-Output, Switch-Mode
Current Source with Synchronous Rectifier
4
_______________________________________________________________________________________
0.45
0.51
0.49
0.47
0.53
0.55
0.57
0.59
0.61
0.63
0.65
4
12
8
16
20
24
28
OFF-MODE SUPPLY CURRENT
(NO-LOAD)
INPUT VOLTAGE (V)
TA = -40°C
TA = +25°C
TA = +85°C
10,000
1
0
50
100 150 200 250
300 350 400
SWITCHING FREQUENCY vs. RTOFF
TOFF (kΩ)
10
100
1000
VOUT = +3V
VOUT = +6V
__________________________________________Typical Operating Characteristics
(Circuit of Figure 2, TA = +25°C, unless otherwise noted.)
40
60
50
80
70
90
100
2
6
8
10
4
12 14 16 18 20 22 24
EFFICIENCY vs. OUTPUT VOLTAGE
OUTPUT VOLTAGE (V)
VIN = 12V
VIN = 18V
VIN = 26V
1.460
1.470
1.480
1.490
1.500
1.510
4
12
8
16
20
24
28
MAX1640
OUTPUT CURRENT vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
TA = -40°C
(VOUT = 4V)
TA = +25°C
TA = +85°C
1.450
1.470
1.460
1.490
1.480
1.500
1.510
2
6
8
10
4
12 14 16 18 20 22 24
MAX1640
OUTPUT CURRENT vs. OUTPUT VOLTAGE
OUTPUT VOLTAGE (V)
TA = -40°C
TA = +85°C
TA = +25°C
1.450
1.475
1.500
1.525
1.550
4
12
8
16
20
24
28
MAX1641
OUTPUT CURRENT vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
TA = -40°C
(VOUT = 4V)
TA = +25°C
TA = +85°C
1.420
1.460
1.440
1.500
1.480
1.540
1.520
1.560
2
6
8
10
4
12 14 16 18 20 22 24
MAX1641
OUTPUT CURRENT vs. OUTPUT VOLTAGE
VOUT (V)
TA = -40°C
TA = +25°C
TA = +85°C
1.5
1.9
1.7
2.1
2.3
2.5
2.7
2.9
4
12
8
16
20
24
28
QUIESCENT CURRENT
vs. INPUT VOLTAGE (NO-LOAD)
INPUT VOLTAGE (V)
TA = -40°C
TA = +25°C
TA = +85°C
A: OUTPUT CURRENT, D1 = D0 = 1 1A/div
VLOAD = 3V
B: INPUT VOLTAGE, 10V/div
LINE-TRANSIENT RESPONSE
A
B
0A
0V
2ms/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com