Electronic Components Datasheet Search
  English  ▼

X  

MAX1682 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1682
Description  Switched-Capacitor Voltage Doublers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1682 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1682 Datasheet HTML 1Page - Maxim Integrated Products MAX1682 Datasheet HTML 2Page - Maxim Integrated Products MAX1682 Datasheet HTML 3Page - Maxim Integrated Products MAX1682 Datasheet HTML 4Page - Maxim Integrated Products MAX1682 Datasheet HTML 5Page - Maxim Integrated Products MAX1682 Datasheet HTML 6Page - Maxim Integrated Products MAX1682 Datasheet HTML 7Page - Maxim Integrated Products MAX1682 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Switched-Capacitor Voltage Doublers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = +5.0V, capacitor values from Table 2, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
ELECTRICAL CHARACTERISTICS
(VIN = +5.0V, capacitor values from Table 2, TA = -40°C to +85°C, unless otherwise noted.) (Note 3)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 2: Once started, the MAX1682/MAX1683 typically operate down to 1V.
Note 3: Specifications at -40°C to +85°C are guaranteed by design.
IN to GND .................................................................+6V to -0.3V
OUT to GND .......................................................+12V, VIN - 0.3V
OUT Output Current............................................................50mA
Output Short-Circuit Duration .................................1sec (Note 1)
Continuous Power Dissipation (TA = +70°C)
SOT23-5 (derate 7.1mW/°C above +70°C)...................571mW
Operating Temperature Range
MAX1682EUK/MAX1683EUK ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
(Note 2)
TA = +25°C
TA = +25°C
IOUT = 0mA, TA = +25°C
CONDITIONS
V
1
Minimum Operating Voltage
µA
230
310
110
145
No-Load Supply Current
8.4
12
15.6
kHz
24.5
35
45.5
Oscillator Frequency
%
98
99.9
Voltage Conversion Efficiency
UNITS
MIN
TYP
MAX
PARAMETER
Note 1: Avoid shorting OUT to GND, as it may damage the device. For temperatures above +85°C, shorting OUT to GND even
instantaneously will damage the device.
MAX1682
MAX1683
RLOAD = 10kΩ
TA = +25°C
TA = 0°C to +85°C
V
2.1
1.8
5.5
2.0
1.7
5.5
Supply Voltage Range
MAX1682
MAX1683
TA = +25°C
TA = 0°C to +85°C
IOUT = 5mA
20
50
65
Output Resistance
IOUT = 0mA
IOUT = 5mA
MAX1683
MAX1682
RLOAD = 10kΩ
MAX1683
MAX1682
CONDITIONS
%
97
Voltage Conversion Efficiency
65
Output Resistance
kHz
17.5
57.8
Oscillator Frequency
6.6
18.6
V
2.3
5.5
Supply-Voltage Range
µA
350
160
No-Load Supply Current
UNITS
MIN
TYP
MAX
PARAMETER



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com