Electronic Components Datasheet Search
  English  ▼

X  

MAX1682 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1682
Description  Switched-Capacitor Voltage Doublers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1682 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1682 Datasheet HTML 1Page - Maxim Integrated Products MAX1682 Datasheet HTML 2Page - Maxim Integrated Products MAX1682 Datasheet HTML 3Page - Maxim Integrated Products MAX1682 Datasheet HTML 4Page - Maxim Integrated Products MAX1682 Datasheet HTML 5Page - Maxim Integrated Products MAX1682 Datasheet HTML 6Page - Maxim Integrated Products MAX1682 Datasheet HTML 7Page - Maxim Integrated Products MAX1682 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Switched-Capacitor Voltage Doublers
4
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(Typical Operating Circuit, VIN = +5V, C1 = C2 = 10µF for the MAX1682 and 3.3µF for the MAX1683, TA = +25°C, unless otherwise
noted.)
11.0
11.5
12.0
12.5
-40
0
20
-20
40
60
80
MAX1682 OSCILLATOR FREQUENCY
vs. TEMPERATURE
TEMPERATURE (°C)
VIN = 5V
VIN = 3.3V
VIN = 2V
28
32
30
36
34
38
40
-40
0
20
-20
40
60
80
MAX1683 OSCILLATOR FREQUENCY
vs. TEMPERATURE
TEMPERATURE (°C)
VIN = 5V
VIN = 3.3V
VIN = 2V
0
2
1
4
3
6
5
7
9
8
10
0
10 15 20
5
25 30 35
45
40
50
MAX1682 OUTPUT VOLTAGE
vs. OUTPUT CURRENT
OUTPUT CURRENT (mA)
VIN = 5V
VIN = 3.3V
VIN = 2V
0
2
1
4
3
6
5
7
9
8
10
0
10 15 20
5
25 30 35
45
40
50
MAX1683 OUTPUT VOLTAGE
vs. OUTPUT CURRENT
OUTPUT CURRENT (mA)
VIN = 5V
VIN = 3.3V
VIN = 2V
20
µs/div
VOUT
20mV/div
ILOAD = 5mA, VIN = 5V, C1 = C2 = 10µF
MAX1682
OUTPUT RIPPLE
80
86
84
82
88
90
92
94
96
98
100
0
10
5
15
20
25
30
MAX1682 EFFICIENCY vs.
LOAD CURRENT
LOAD CURRENT (mA)
VIN = 5V
VIN = 3.3V
VIN = 2V
80
86
84
82
88
90
92
94
96
98
100
0
10
5
15
20
25
30
MAX1683 EFFICIENCY vs.
LOAD CURRENT
LOAD CURRENT (mA)
VIN = 5V
VIN = 3.3V
VIN = 2V
MAX1683
OUTPUT RIPPLE
ILOAD = 5mA, VIN = 5V, C1 = 3.3µF, C2 = 10µF
20
µs/div
VOUT
20mV/div
0
0.5
1.0
1.5
2.0
2.5
700
30 10
100 70
300
7
3
1
0.7 0.3
START-UP VOLTAGE
vs. RESISTIVE LOAD
RLOAD (kΩ)
MAX1682
MAX1683



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com