Electronic Components Datasheet Search
  English  ▼

X  

MAX1682 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1682
Description  Switched-Capacitor Voltage Doublers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1682 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1682 Datasheet HTML 1Page - Maxim Integrated Products MAX1682 Datasheet HTML 2Page - Maxim Integrated Products MAX1682 Datasheet HTML 3Page - Maxim Integrated Products MAX1682 Datasheet HTML 4Page - Maxim Integrated Products MAX1682 Datasheet HTML 5Page - Maxim Integrated Products MAX1682 Datasheet HTML 6Page - Maxim Integrated Products MAX1682 Datasheet HTML 7Page - Maxim Integrated Products MAX1682 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Switched-Capacitor Voltage Doublers
_______________________________________________________________________________________
3
10
30
20
60
50
40
80
70
90
1.0
2.5 3.0
1.5 2.0
3.5 4.0 4.5 5.0 5.5
OUTPUT RESISTANCE
vs. SUPPLY VOLTAGE
VIN (V)
MAX1683, C1 = C2 = 3.3
µF
MAX1683, C1 = C2 = 10
µF
MAX1682, C1 = C2 = 10
µF
0
5
10
15
20
25
30
35
40
-40
0
-20
20
40
60
80
MAX1682 OUTPUT RESISTANCE
vs. TEMPERATURE
TEMPERATURE (°C)
ILOAD = 5mA
VIN = 5V
VIN = 3.3V
VIN = 2V
0
5
10
15
20
25
30
35
40
-40
0
-20
20
40
60
80
MAX1683 OUTPUT RESISTANCE
vs. TEMPERATURE
TEMPERATURE (°C)
ILOAD = 5mA
VIN = 5V
VIN = 3.3V
VIN = 2V
0
40
20
80
60
100
120
0
15
20
5
10
25
30
35
MAX1682 OUTPUT RESISTANCE
vs. CAPACITANCE
CAPACITANCE (
µF)
VIN = 5V
VIN = 3.3V
VIN = 2V
0
200
100
400
300
600
500
700
900
800
1000
0
10
15
5
20
25
30
35
40
MAX1683
OUTPUT VOLTAGE RIPPLE
vs. OUTPUT CURRENT
IOUT (mA)
C1 = C2 =1
µF
C1 = C2 = 3.3
µF
C1 = C2 = 10
µF
0
15
10
5
25
20
45
40
35
30
50
0
5
10
15
20
25
30
35
MAX1683 OUTPUT RESISTANCE
vs. CAPITANCE
CAPACITANCE (
µF)
VIN = 2V
VIN = 3.3V
VIN = 5V
0
200
100
400
300
500
600
700
800
0
10
15
5
20
25
30
35
40
MAX1682
OUTPUT VOLTAGE RIPPLE
vs. OUTPUT CURRENT
IOUT (mA)
C1 = C2 = 3.3
µF
C1 = C2 = 10
µF
C1 = C2 = 33
µF
0
50
100
150
200
250
300
1.0
2.0
1.5
2.5 3.0 3.5 4.0 4.5 5.0 5.5
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
MAX1683
MAX1682
Typical Operating Characteristics
(Typical Operating Circuit, VIN = +5V, C1 = C2 = 10µF for the MAX1682 and 3.3µF for the MAX1683, TA = +25°C, unless otherwise
noted.)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com