Electronic Components Datasheet Search
  English  ▼

X  

MAX1765EEE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1765EEE
Description  800mA, Low-Noise, Step-Up DC-DC Converter with 500mA Linear Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1765EEE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1765EEE Datasheet HTML 1Page - Maxim Integrated Products MAX1765EEE Datasheet HTML 2Page - Maxim Integrated Products MAX1765EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1765EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1765EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1765EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1765EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1765EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1765EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
General Description
The MAX1765 is a high-efficiency, low-noise, step-up
DC-DC converter intended for use in battery-powered
wireless applications. This device operates at a high
1MHz fixed frequency while maintaining an exception-
ally low quiescent supply current (200µA). Its small
external components and tiny package make this
device an excellent choice for small hand-held applica-
tions that require the longest possible battery life.
The MAX1765 uses a synchronous-rectified pulse-
width-modulation (PWM) boost topology to generate
2.5V to 5.5V outputs from a wide range of input
sources, such as one to three alkaline or NiCd/NiMH
cells or a single lithium-ion (Li+) cell. Maxim's propri-
etary architecture significantly improves efficiency at
low load currents while automatically transitioning to
fixed-frequency PWM operation at medium to high load
currents to maintain excellent full-load efficiency.
Forced-PWM mode is available for applications that
require constant-frequency operation at all load cur-
rents, and the MAX1765 may also be synchronized to
an external clock to protect sensitive frequency bands
in communications equipment.
The MAX1765’s low-dropout (LDO) linear regulator and
DC-DC converter have separate shutdown control. The
linear regulator's 250m
Ω pass device maintains excel-
lent dropout voltage at currents up to 500mA. The
MAX1765 also features analog soft-start and current-
limit functions to permit optimization of efficiency, exter-
nal component size, and output voltage ripple.
The MAX1765 comes in a 16-pin QSOP package and a
thermally enhanced 16-pin TSSOP-EP.
____________________________Features
o High-Efficiency Step-Up Converter
Up to 93% Efficiency
Adjustable Output from +2.5V to +5.5V
Up to 800mA Output
PWM Synchronous-Rectified Topology
1MHz Operating Frequency (or Sync)
o LDO Linear Regulator
500mA LDO Linear Regulator
2.85V Linear Regulator Output or Adjustable
(1.25V to 5V)
Low 125mV Dropout at 500mA
o +0.7V to +5.5V Input Range
o 0.1µA Logic-Controlled Shutdown
o Adjustable Inductor Current Limit and Soft-Start
o Thermal Shutdown
o 1.5W, 16-Pin TSSOP-EP Package Available
800mA, Low-Noise, Step-Up DC-DC Converter
with 500mA Linear Regulator
________________________________________________________________ Maxim Integrated Products
1
19-1805; Rev 0; 12/00
For price, delivery, and to place orders, please contact Maxim Distribution at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
FBL
ONL
TRACK
INL
POUT
LX
PGND
OUTL
TOP VIEW
MAX1765
QSOP/TSSOP-EP
ONB
ISET
REF
OUT
GND
FB
ONA
CLK/SEL
Pin Configuration
Wireless Handsets
PCS Phones
Palmtop Computers
Personal
Communicators
Hand-Held Instruments
Portable Audio Players
Applications
FBL
REF
ILIM
ONL
ONA
(0.7V TO 5.5V) 3.3
µH
OUTL = 2.85V
(ADJ 1.25V
TO 5V)
OUT = 3.3V
OUT
OUTL
POUT
FB
GND
PGND
TRACK
LX
CLK/SEL
ONB
INL
MAX1765
Typical Operating Circuit
Ordering Information
*Exposed pad
PART
TEMP. RANGE
PIN-PACKAGE
MAX1765EEE
-40
°C to +85°C
16 QSOP
MAX1765EUE
-40
°C to +85°C
16 TSSOP-EP*


Similar Part No. - MAX1765EEE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1765EEE MAXIM-MAX1765EEE Datasheet
873Kb / 19P
800mA, Low-Noise, Step-Up DC-DC Converter with 500mA Linear Regulator
Rev 1; 4/11
More results

Similar Description - MAX1765EEE

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1631 AIC-AIC1631 Datasheet
287Kb / 10P
2-Cell, 500mA, Step-Up DC/DC Converter
logo
Maxim Integrated Produc...
MAX1790 MAXIM-MAX1790 Datasheet
324Kb / 12P
Low-Noise Step-Up DC-DC Converter
19-1563; Rev 0; 1/00
logo
Global Mixed-mode Techn...
G5105 GMT-G5105 Datasheet
693Kb / 11P
Low-Noise Step-up DC-DC Converter
logo
Maxim Integrated Produc...
MAX17067 MAXIM-MAX17067 Datasheet
302Kb / 13P
Low-Noise Step-Up DC-DC Converter
Rev 0; 1/08
logo
National Semiconductor ...
LM3686 NSC-LM3686 Datasheet
1Mb / 20P
Step-Down DC-DC Converter with Integrated Post Linear Regulators System and Low-Noise Linear Regulator
logo
Analog Intergrations Co...
AIC1880 AIC-AIC1880 Datasheet
359Kb / 11P
Low Noise, Step-Up PWM DC/DC Converter
logo
Silicon Standard Corp.
SS6631 SSC-SS6631 Datasheet
596Kb / 11P
500mA Step-Up DC/DC Converter
logo
Maxim Integrated Produc...
MAX1765 MAXIM-MAX1765_11 Datasheet
873Kb / 19P
800mA, Low-Noise, Step-Up DC-DC Converter with 500mA Linear Regulator
Rev 1; 4/11
logo
Texas Instruments
LM3686 TI-LM3686_15 Datasheet
2Mb / 27P
Step-Down DC-DC Converter with Integrated Post Linear Regulators System and Low-Noise Linear Regulator
logo
Global Mixed-mode Techn...
G5108 GMT-G5108 Datasheet
91Kb / 1P
Low-Noise Step-up DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com