Electronic Components Datasheet Search
  English  ▼

X  

MAX1765EEE Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1765EEE
Description  800mA, Low-Noise, Step-Up DC-DC Converter with 500mA Linear Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1765EEE Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1765EEE Datasheet HTML 1Page - Maxim Integrated Products MAX1765EEE Datasheet HTML 2Page - Maxim Integrated Products MAX1765EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1765EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1765EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1765EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1765EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1765EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1765EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
800mA, Low-Noise, Step-Up DC-DC Converter
with 500mA Linear Regulator
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS
(VOUT = VPOUT = VINL = VONA = VONL = 3.6V, CLK/SEL = FBL = ONB = TRACK = PGND = GND, ISET = REF (bypassed with
0.22µF), LX = open, OUTL = open (bypassed with 4.7µF), TA = -40°C to +85°C, unless otherwise noted.) (Note 6)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC-DC CONVERTER
FB Regulation Voltage
VFB
CLK/SEL = OUT, 0 < ILX < 0.55A
1.210
1.280
V
OUT Voltage in Track Mode
VOUTL > 2.0V, INL = POUT
VOUTL
+ 0.4
VOUTL
+ 0.6
V
Startup to Normal Mode
Transition Voltage
Rising edge only (Note 2)
2.00
2.30
V
Supply Current in Normal Mode
(Note 3)
CLK/SEL = ONL = GND, no load
200
µA
Supply Current in
Low-Noise PWM Mode (Note 3
CLK/SEL = OUT, VFB = 1.5V, no load
200
µA
Supply Current in Shutdown
ONA = ONL = GND, ONB = OUT
10
µA
DC-DC SWITCHES
POUT Leakage Current
VLX = 0, VOUT = 5.5V
10
µA
LX Leakage Current
VLX = VOUT = V ONB = 5.5V, ONA = GND
10
µA
N-channel
0.28
Switch On-Resistance
P-channel
0.50
Ω
N-Channel Current Limit (Note 4)
ILIM
VISET = 1.25V, CLK/SEL = GND or OUT
1000
1600
mA
P-Channel Turn-Off Current
CLK/SEL = GND
5
120
mA
REFERENCE
Reference Output Voltage
IREF = 0
1.225
1.275
V
LINEAR REGULATOR
Output Voltage in Internal
Feedback Mode
FBL = GND, IOUTL = 10mA
2.79
2.90
V
FBL Input Threshold
150
350
mV
FBL Regulation Voltage
FBL = OUTL, IOUTL = 10mA, IREF = 0
1.225
1.275
V
LDO Startup Voltage
VOUT = 2V, rising edge only
2.15
2.45
V
Dropout Resistance
VFBL = 1V, IOUTL = 500mA
0.5
Ω
INL Supply Current in Shutdown
OUTL = ONA = ONL = GND
10
µA
INL No-Load Supply Current
IOUTL = 0, VINL = 5.5V
250
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com