Electronic Components Datasheet Search
  English  ▼

X  

MAX1765EEE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1765EEE
Description  800mA, Low-Noise, Step-Up DC-DC Converter with 500mA Linear Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1765EEE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1765EEE Datasheet HTML 1Page - Maxim Integrated Products MAX1765EEE Datasheet HTML 2Page - Maxim Integrated Products MAX1765EEE Datasheet HTML 3Page - Maxim Integrated Products MAX1765EEE Datasheet HTML 4Page - Maxim Integrated Products MAX1765EEE Datasheet HTML 5Page - Maxim Integrated Products MAX1765EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1765EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1765EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1765EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
800mA, Low-Noise, Step-Up DC-DC Converter
with 500mA Linear Regulator
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VOUT = VPOUT = VINL = VONA = VONL = 3.6V, CLK/SEL = FBL = ONB = TRACK = PGND = GND, ISET = REF (bypassed with
0.22µF), LX = open, OUTL = open (bypassed with 4.7µF), TA = 0°C to +85°C, unless otherwise noted. Typical values are at
TA =+25 °C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CONTROL INPUTS
1.1V < VOUT < 1.8V
0.2
ONA, ONB, ONL
(Note 5)
1.8V < VOUT < 5.5V
0.4
CLK/SEL
1.2V < VOUT < 5.5V
0.2
×
VOUT
Input Low Level
TRACK
1.2V < VINL < 5.5V
0.2
×
VINL
V
1.1V < VOUT < 1.8V
VOUT
- 0.2
ONA, ONB, ONL
(Note 5)
1.8V < VOUT < 5.5V
1.6
CLK/SEL
1.2V < VOUT < 5.5V
0.8
×
VOUT
Input High Level
TRACK
1.2V < VINL < 5.5V
0.8
×
VINL
V
Input Leakage Current
(CLK/SEL, ONA, ONB,
ONL, TRACK)
0.01
1
µA
Internal Oscillator Frequency
CLK/SEL = OUT
0.8
1
1.2
MHz
External Oscillator
Synchronization Range
0.5
1.2
MHz
Oscillator Maximum Duty Cycle
80
86
90
%
Minimum CLK/SEL Pulse
200
ns
Maximum CLK/SEL Rise/Fall Time
100
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com