Electronic Components Datasheet Search
  English  ▼

X  

M78SA Datasheet(PDF) 2 Page - Minmax Technology Co., Ltd.

Part # M78SA
Description  fully regulated output voltage
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

M78SA Datasheet(HTML) 2 Page - Minmax Technology Co., Ltd.

  M78SA Datasheet HTML 1Page - Minmax Technology Co., Ltd. M78SA Datasheet HTML 2Page - Minmax Technology Co., Ltd. M78SA Datasheet HTML 3Page - Minmax Technology Co., Ltd. M78SA Datasheet HTML 4Page - Minmax Technology Co., Ltd. M78SA Datasheet HTML 5Page - Minmax Technology Co., Ltd. M78SA Datasheet HTML 6Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
M78SA
Switching Regulator 0.5A, SMD Package
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2015/07/31 REV:7
Page 2 of 6
®
Output Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
Output Voltage Setting Accuracy
---
±2.0
±3.0
%Vnom.
Line Regulation
Vin=Min. to Max. @Full Load
1.5V to 6.5V
---
±0.2
±0.4
%
9V to 15V
---
±0.1
±0.2
%
Load Regulation
Io=10% to 100%
1.5V to 6.5V
---
±0.4
±0.6
%
9V to 15V
---
±0.25
±0.4
%
Minimum Load
No minimum Load Requirement
Ripple & Noise
0-20MHz Bandwidth
1.5V to 6.5V
---
---
30
mV P-P
9V to 15V
---
---
40
mV P-P
Transient Recovery Time
50% Load Step Change
---
100
---
μsec
Transient Response Deviation
---
±2
---
%
Temperature Coefficient
---
---
±0.015
%/℃
Short Circuit Protection
Continuous, Automatic Recovery
General Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
I/O Isolation Voltage
none
Switching Frequency
280
330
380
KHz
MTBF(calculated)
MIL-HDBK-217F@25℃, Ground Benign
2,000,000
Hours
Moisture Sensitivity Level (MSL)
IPC/JEDEC J-STD-020D.1
Level 2
Environmental Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
Operating Ambient Temperature Range
(See Power Derating Curve)
Natural Convection
-40
---
+90
℃
Case Temperature
---
---
+100
℃
Storage Temperature
-55
---
+125
℃
Thermal Shutdown
Internal IC junction
---
160
---
℃
Humidity (non condensing)
---
---
95
% rel. H
Cooling
Natural Convection
Lead-free reflow solder process
IPC/JEDEC J-STD-020D.1
EMC Specifications
Parameter
Standards & Level
Performance
EMI
Radiation without adding any external components
EN55022, FCC part 15
Class B
Conduction with external components
EMS
ESD
EN61000-4-2 Air±8kV
A
Radiated immunity
EN61000-4-3 3V/m
A
Fast transient(4)
EN61000-4-4 ±0.5kV
A
Conducted immunity
EN61000-4-6 3Vrms
A
PFMF
EN61000-4-8 3A/m
A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com