Electronic Components Datasheet Search
  English  ▼

X  

M78SA Datasheet(PDF) 4 Page - Minmax Technology Co., Ltd.

Part # M78SA
Description  fully regulated output voltage
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

M78SA Datasheet(HTML) 4 Page - Minmax Technology Co., Ltd.

  M78SA Datasheet HTML 1Page - Minmax Technology Co., Ltd. M78SA Datasheet HTML 2Page - Minmax Technology Co., Ltd. M78SA Datasheet HTML 3Page - Minmax Technology Co., Ltd. M78SA Datasheet HTML 4Page - Minmax Technology Co., Ltd. M78SA Datasheet HTML 5Page - Minmax Technology Co., Ltd. M78SA Datasheet HTML 6Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
M78SA
Switching Regulator 0.5A, SMD Package
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2015/07/31 REV:7
Page 4 of 6
®
Adjustment Resistor Values
M78SAR015-0.5
M78SAR018-0.5
M78SAR025-0.5
M78SAR033-0.5
M78SAR05-0.5
M78SAR065-0.5
M78SAR09-0.5
M78SAR12-0.5
M78SAR15-0.5
Vout(nom.)
1.5VDC
1.8VDC
2.5VDC
3.3VDC
5.0VDC
6.5VDC
9.0VDC
12VDC
15VDC
Vout(adj)
R1
R2
R1
R2
R1
R2
R1
R2
R1
R2
R1
R2
R1
R2
R1
R2
R1
R2
1.4 (V)
1 KΩ
1.5 (V)
3KΩ
200Ω
1.8 (V)
6.49 KΩ
12KΩ
2.5 (V)
0.47 KΩ
11.8KΩ
3.0 (V)
4.64KΩ
44.2KΩ
88.4KΩ
17KΩ
3.3 (V)
27KΩ
15KΩ
3.6 (V)
60.4KΩ
42KΩ
21.5KΩ
3.9 (V)
28KΩ
58KΩ
30.1KΩ
4.5 (V)
11.3KΩ
180KΩ
56.3KΩ
26KΩ
17KΩ
10.5 KΩ
4.9 (V)
7.15KΩ
850KΩ
78.7KΩ
36KΩ
24KΩ
15.8 KΩ
5.0 (V)
6.34KΩ
86KΩ
39KΩ
26KΩ
17.4 KΩ
5.1 (V)
5.9KΩ
231KΩ
97KΩ
42KΩ
28KΩ
18.7 KΩ
5.5 (V)
3.9KΩ
56.2KΩ
154KΩ
56KΩ
36KΩ
24.9 KΩ
6.5 (V)
14KΩ
112KΩ
63KΩ
42.2 KΩ
8.0 (V)
2.32KΩ
22.6KΩ
400KΩ
125KΩ
78.7 KΩ
9.0 (V)
9.53KΩ
200KΩ
113 KΩ
10 (V)
3.92KΩ
54.9KΩ
345KΩ
160 KΩ
11 (V)
825Ω
16.5KΩ
740KΩ
232 KΩ
12 (V)
3.6KΩ
340 KΩ
12.6 (V)
0Ω
180KΩ
464 KΩ
13.5 (V)
57.6 KΩ
787 KΩ
15.5 (V)
300 KΩ
Switching
Regulator
+Vo
+Vin
R1
Adj
R2
-Vo
On/Off
-Vin



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com