Electronic Components Datasheet Search
  English  ▼

X  

M78SA Datasheet(PDF) 3 Page - Minmax Technology Co., Ltd.

Part # M78SA
Description  fully regulated output voltage
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

M78SA Datasheet(HTML) 3 Page - Minmax Technology Co., Ltd.

  M78SA Datasheet HTML 1Page - Minmax Technology Co., Ltd. M78SA Datasheet HTML 2Page - Minmax Technology Co., Ltd. M78SA Datasheet HTML 3Page - Minmax Technology Co., Ltd. M78SA Datasheet HTML 4Page - Minmax Technology Co., Ltd. M78SA Datasheet HTML 5Page - Minmax Technology Co., Ltd. M78SA Datasheet HTML 6Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
M78SA
Switching Regulator 0.5A, SMD Package
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2015/07/31 REV:7
Page 3 of 6
®
EMI Filter meets Conducted EMI EN55022 class B; FCC part 15 level A
Class
C1
C2
C3
L1
Class A
---
4.7μF/50V 1206 MLCC
4.7μF/50V 1206 MLCC
Wurth Elektronik
NO. 744774033
Class B
4.7μF/50V 1206 MLCC
4.7μF/50V 1206 MLCC
4.7μF/50V 1206 MLCC
Wurth Elektronik
NO. 74477410
Power Derating Curve
~
Ambient Temperature
0
20
40
60
80
100
-40
0
20
60
100 110
80
40
Natural
Convection
20LFM
C
Notes
1
Specifications typical at Ta=+25℃, resistive load, nominal input voltage, rated output current unless otherwise noted.
2
Other input and output voltage may be available, please contact factory.
3
We recommend to protect the converter by a slow blow fuse in the input supply line.
4
The M78SA series can meet EN61000-4-4 by adding a capacitor across the input pins. Suggested capacitor CHEMI-CON KY 330μF/100V.
5
That “natural convection” is about 20LFM but is not equal to still air (0 LFM).
6
With a input capacitor 22μF/50V for input voltage >28VDC, the input voltage allows 32VDC, max.
7
Input voltage must be higher than output voltage set:>1.5V for 3.3V~5V and >3V for 6.5V~15V.
8
Specifications are subject to change without notice.
M78SA Module
L1
C3
C2
C1
+Vin
GND
+Vout
Load



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com