Electronic Components Datasheet Search
  English  ▼

X  

MIWI10 Datasheet(PDF) 1 Page - Minmax Technology Co., Ltd.

Part # MIWI10
Description  fully regulated output voltage
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MIWI10 Datasheet(HTML) 1 Page - Minmax Technology Co., Ltd.

  MIWI10 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MIWI10 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MIWI10 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MIWI10 Datasheet HTML 4Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MIWI10 SERIES
DC/DC CONVERTER 10W, DIP-Package
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2015/05/22 REV:2
Page 1 of 4
®
FEATURES
►Industrial Standard DIP-24 Package
►Ultra-wide 4:1 Input Voltage Range
►Fully Regulated Output Voltage
►High Efficiency up to 87%
►I/O Isolation 1500 VDC
►Operating Temp. Range -40°C to +85°C
►No Min. Load Requirement
►Overload and Short Circuit Protection
►Remote On/Off Control
►Shielded Metal Case with Insulated Baseplate
►Conducted EMI meets EN55022 Class A & FCC Level A
►UL/cUL/IEC/EN 60950-1 Safety Approval
PRODUCT OVERVIEW
The MINMAX MIWI10 series is a new range of cost-optimized 10W dc/dc converter modules with ultra-wide 4:1 input ranges and tightly regulated output
voltages.The converters come in a shielded metal package in the standard DIP-24 format.
By state-of-the-art circuit topology a high efficiency could be achieved allowing allowing an operating temperature up to +70°C at full load.
Further features include remote ON/OFF, overload protection and internal EMI-filter meeting EN55022,class A and FCC,level A.
These converters modules will find a wide range of applications like battery operated instrumentation,distributed power architectures in Communication
equipment and in industrial electronics.
Model Selection Guide
Model
Number
Input
Voltage
(Range)
Output
Voltage
Output
Current
Input Current
Reflected
Ripple
Current
Max. capacitive
Load
Efficiency
(typ.)
Max.
@Max. Load
@No Load
@Max. Load
VDC
VDC
mA
mA(typ.)
mA(typ.)
mA(typ.)
μF
%
MIWI10-24S033
24
(9 ~ 36)
3.3
2700
432
30
40
1000
86
MIWI10-24S05
5
2000
490
85
MIWI10-24S051
5.1
2000
500
85
MIWI10-24S12
12
833
479
470
87
MIWI10-24S15
15
666
478
330
87
MIWI10-24S24
24
416
478
150
87
MIWI10-24D12
±12
±416
478
220#
87
MIWI10-24D15
±15
±333
478
150#
87
MIWI10-48S033
48
(18 ~ 75)
3.3
2700
216
20
30
1000
86
MIWI10-48S05
5
2000
245
85
MIWI10-48S051
5.1
2000
250
85
MIWI10-48S12
12
833
239
470
87
MIWI10-48S15
15
666
236
330
87
MIWI10-48S24
24
416
244
150
87
MIWI10-48D12
±12
±416
244
220#
87
MIWI10-48D15
±15
±333
244
150#
87
# For each output
Input Specifications
Parameter
Model
Min.
Typ.
Max.
Unit
Input Surge Voltage (1 sec. max.)
24V Input Models
-0.7
---
50
VDC
48V Input Models
-0.7
---
100
Start-Up Threshold Voltage
24V Input Models
7
8
9
48V Input Models
14
16
18
Under Voltage Shutdown
24V Input Models
---
---
8.5
48V Input Models
---
---
17
Input Filter
All Models
Internal Pi Type


Similar Part No. - MIWI10

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MIWI03 MINMAX-MIWI03 Datasheet
672Kb / 4P
fully regulated output voltage
MIWI06 MINMAX-MIWI06 Datasheet
294Kb / 4P
DC/DC CONVERTER 6W, DIP-24 Plastic Package
logo
Total Power Internation...
MIWI06 TOTAL-POWER-MIWI06 Datasheet
472Kb / 4P
DIP-24 Plastic Package
logo
Minmax Technology Co., ...
MIWI06-24D05 MINMAX-MIWI06-24D05 Datasheet
294Kb / 4P
DC/DC CONVERTER 6W, DIP-24 Plastic Package
logo
Total Power Internation...
MIWI06-24D05 TOTAL-POWER-MIWI06-24D05 Datasheet
472Kb / 4P
DIP-24 Plastic Package
More results

Similar Description - MIWI10

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MFW02 MINMAX-MFW02 Datasheet
407Kb / 5P
fully regulated output voltage
MFW03 MINMAX-MFW03 Datasheet
601Kb / 5P
fully regulated output voltage
MIDER03-HI MINMAX-MIDER03-HI Datasheet
591Kb / 4P
fully regulated output voltage
MIE03-HI MINMAX-MIE03-HI Datasheet
733Kb / 4P
fully regulated output voltage
MIE06-HI MINMAX-MIE06-HI Datasheet
728Kb / 4P
fully regulated output voltage
MIW10 MINMAX-MIW10 Datasheet
533Kb / 5P
fully regulated output voltage
MJWI15 MINMAX-MJWI15 Datasheet
502Kb / 10P
fully regulated output voltage
MJWI25 MINMAX-MJWI25 Datasheet
404Kb / 10P
fully regulated output voltage
MKE15-HI MINMAX-MKE15-HI Datasheet
418Kb / 5P
fully regulated output voltage
MKE20-HI MINMAX-MKE20-HI Datasheet
409Kb / 5P
fully regulated output voltage
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com