Electronic Components Datasheet Search
  English  ▼

X  

MIWI10 Datasheet(PDF) 2 Page - Minmax Technology Co., Ltd.

Part # MIWI10
Description  fully regulated output voltage
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MIWI10 Datasheet(HTML) 2 Page - Minmax Technology Co., Ltd.

  MIWI10 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MIWI10 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MIWI10 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MIWI10 Datasheet HTML 4Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MIWI10 SERIES
DC/DC CONVERTER 10W, DIP-Package
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2015/05/22 REV:2
Page 2 of 4
®
Remote On/Off Control
Parameter
Conditions
Min.
Typ.
Max.
Unit
Converter On
3.5V ~ 12V or Open Circuit
Converter Off
0~1.2V or Short Circuit (Pin 1 and Pin 2)
Control Input Current (on)
Vctrl = 5V
---
---
500
μA
Control Input Current (off)
Vctrl = 0V
---
---
-500
μA
Control Common
Referenced to Negative Input
Standby Input Current
---
---
10
mA
Output Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
Output Voltage Setting Accuracy
---
±1.0
±2.0
%Vnom.
Output Voltage Balance
Dual Output, Balanced Loads
---
±1.0
±2.0
%
Line Regulation
Vin=Min. to Max. @Full Load
---
±0.5
±1.0
%
Load Regulation
Io=0% to 100%
---
±0.5
±1.2
%
Minimum Load
No minimum Load Requirement
Ripple & Noise
0-20 MHz Bandwidth
---
---
100
mV P-P
Transient Recovery Time
25% Load Step Change
---
300
600
μsec
Transient Response Deviation
---
±3
±5
%
Temperature Coefficient
---
±0.01
±0.02
%/℃
Over Load Protection
Hiccup
---
150
---
%
Short Circuit Protection
Hiccup Mode 0.7Hz typ. Automatic Recovery
General Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
I/O Isolation Voltage
60 Seconds
1500
---
---
VDC
1 Second
1800
---
---
VDC
I/O Isolation Resistance
500 VDC
1000
---
---
MΩ
I/O Isolation Capacitance
100KHz, 1V
---
1000
1500
pF
Switching Frequency
---
330
---
KHz
MTBF (calculated)
MIL-HDBK-217F@25℃, Ground Benign
1,000,000
Hours
Safety Approvals
UL/cUL 60950-1 recognition (CSA certificate), IEC/EN 60950-1(CB-report)
Environmental Specifications
Parameter
Conditions
Min.
Max.
Unit
Operating Ambient Temperature Range
(See Power Derating Curve)
Natural Convection
-40
+85
℃
Case Temperature
---
+105
℃
Storage Temperature Range
-50
+125
℃
Humidity (non condensing)
---
95
% rel. H
Cooling
Natural Convection
Lead Temperature (1.5mm from case for 10Sec.)
---
260
℃
EMC Specifications
Parameter
Standards & Level
Performance
EMI
Conduction
EN55022, FCC part 15
Class A
EMS
EN55024
ESD
EN61000-4-2 Air ± 8kV , Contact ± 6kV
A
Radiated immunity
EN61000-4-3 10V/m
A
Fast transient (5)
EN61000-4-4 ±2kV
A
Surge (5)
EN61000-4-5 ±1kV
A
Conducted immunity
EN61000-4-6 10Vrms
A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com