Electronic Components Datasheet Search
  English  ▼

X  

MIWI10 Datasheet(PDF) 3 Page - Minmax Technology Co., Ltd.

Part # MIWI10
Description  fully regulated output voltage
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MIWI10 Datasheet(HTML) 3 Page - Minmax Technology Co., Ltd.

  MIWI10 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MIWI10 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MIWI10 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MIWI10 Datasheet HTML 4Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MIWI10 SERIES
DC/DC CONVERTER 10W, DIP-Package
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2015/05/22 REV:2
Page 3 of 4
®
Power Derating Curve
~
Ambient Temperature
0
20
40
60
80
100
-40
0
20
60
100
110
80
40
400LFM
200LFM
100LFM
Natural
Convection
20LFM
C
Notes
1
Specifications typical at Ta=+25℃, resistive load, nominal input voltage and rated output current unless otherwise noted.
2
Transient recovery time is measured to within 1% error band for a step change in output load of 75% to 100%
3
We recommend to protect the converter by a fast blow fuse in the input supply line.
4
Other input and output voltages may be available, please contact factory.
5
To meet EN61000-4-4 & EN61000-4-5 an external capacitor across the input pins is required. Suggested capacitor: 220μF/100V.
6
That “natural convection” is about 20LFM but is not equal to still air (0 LFM).
7
Specifications are subject to change without notice.
Package Specifications
Mechanical Dimensions
Pin Connections
Pin
Single Output
Dual Output
1
Remote On/Off
Remote On/Off
2
-Vin
-Vin
3
-Vin
-Vin
9
No Pin
Common
11
NC
-Vout
14
+Vout
+Vout
16
-Vout
Common
22
+Vin
+Vin
23
+Vin
+Vin
NC: No Connection
►
All dimensions in mm (inches)
►
Tolerance: X.X±0.5 (X.XX±0.02)
X.XX±0.25 ( X.XXX±0.01)
►
Pin diameter 0.5 ±0.05 (0.02±0.002)
Physical Characteristics
Case Size
:
31.8x20.3x10.2mm (1.25x0.80x0.40 inches)
Case Material
:
Metal with Non-Conductive Baseplate
Pin Material
:
Copper Alloy with Gold Plate Over Nickel Subplate
Weight
:
17.3g
Bottom View
2
11
14
16
23
15.24 [0.60]
5.08
[0.20]
3
9
22
4.5
[0.18]
31.8 [1.25]
2.54
[0.10]
0.50 [0.02]
1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com