Electronic Components Datasheet Search
  English  ▼

X  

MJWI15 Datasheet(PDF) 6 Page - Minmax Technology Co., Ltd.

Part # MJWI15
Description  fully regulated output voltage
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MJWI15 Datasheet(HTML) 6 Page - Minmax Technology Co., Ltd.

Back Button MJWI15 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MJWI15 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MJWI15 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MJWI15 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MJWI15 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MJWI15 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MJWI15 Datasheet HTML 8Page - Minmax Technology Co., Ltd. MJWI15 Datasheet HTML 9Page - Minmax Technology Co., Ltd. MJWI15 Datasheet HTML 10Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MJWI15 SERIES
DC/DC CONVERTER 15W, High Power Density
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2015/05/22 P4
Page 6 of 10
®
Notes
1
Specifications typical at Ta=+25
℃, resistive load, nominal input voltage and rated output current unless otherwise noted.
2
Transient recovery time is measured to within 1% error band for a step change in output load of 75% to 100%.
3
Ripple & Noise measured with a 1μF MLCC.
4
We recommend to protect the converter by a slow blow fuse in the input supply line.
5
Other input and output voltage may be available, please contact factory.
6
To meet EN61000-4-4 & EN61000-4-5 an external capacitor across the input pins is required. Suggested capacitor:TBD
7
That “natural convection” is about 20LFM but is not equal to still air (0 LFM).
8
Specifications are subject to change without notice.
Package Specifications
Mechanical Dimensions
Pin Connections
Pin
Single Output
Dual Output
1
+Vin
+Vin
2
-Vin
-Vin
3
+Vout
+Vout
4
Trim
Common
5
-Vout
-Vout
6
Remote On/Off
Remote On/Off
►
All dimensions in mm (inches)
►
Tolerance: X.X±0.5(X.XX±0.02)
X.XX±0.25 ( X.XXX±0.01)
►
Pin diameter 1.0 ±0.05 (0.04±0.002)
Physical Characteristics
Case Size
:
25.4x25.4x10.16mm (1.0x1.0x0.4 inches)
Case Material
:
Aluminium Alloy, Black Anodized Coating
Base Material
:
FR4 PCB (flammability to UL 94V-0 rated)
Pin Material
:
Copper Alloy with Gold Plate Over Nickel Subplate
Weight
:
15g
5.08
[0.20]
25.4 [1.00]
10.16
[0.40]
10.16
[0.40]
6.0
[0.24]
7.62
[0.30]
1
26
3
4
5
2.54
[0.10]
Bottom View
10.16 0.5
[0.40 0.02]



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com