Electronic Components Datasheet Search
  English  ▼

X  

MJWI15 Datasheet(PDF) 8 Page - Minmax Technology Co., Ltd.

Part # MJWI15
Description  fully regulated output voltage
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MJWI15 Datasheet(HTML) 8 Page - Minmax Technology Co., Ltd.

Back Button MJWI15 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MJWI15 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MJWI15 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MJWI15 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MJWI15 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MJWI15 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MJWI15 Datasheet HTML 8Page - Minmax Technology Co., Ltd. MJWI15 Datasheet HTML 9Page - Minmax Technology Co., Ltd. MJWI15 Datasheet HTML 10Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
MJWI15 SERIES
DC/DC CONVERTER 15W, High Power Density
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2015/05/22 P4
Page 8 of 10
®
External Output Trimming
Output can be externally trimmed by using the method shown below
12
6
345
MJWI15 Module
Bottom View
Trim Up
Ru
12
6
345
MJWI15 Module
Bottom View
Rd
Trim Down
MJWI15-XXS033 Trim Table
Trim down
1
2
3
4
56789
10
%
Vout=
Vox0.99
Vox0.98
Vox0.97
Vox0.96
Vox0.95
Vox0.94
Vox0.93
Vox0.92
Vox0.91
Vox0.90
Volts
Rd=
72.61
32.55
19.20
12.52
8.51
5.84
3.94
2.51
1.39
0.50
KOhms
Trim up
1
2
3
4
56789
10
%
Vout=
Vox1.01
Vox1.02
Vox1.03
Vox1.04
Vox1.05
Vox1.06
Vox1.07
Vox1.08
Vox1.09
Vox1.10
Volts
Ru=
60.84
27.40
16.25
10.68
7.34
5.11
3.51
2.32
1.39
0.65
KOhms
MJWI15-XXS05 Trim Table
Trim down
1
2
3
4
56789
10
%
Vout=
Vox0.99
Vox0.98
Vox0.97
Vox0.96
Vox0.95
Vox0.94
Vox0.93
Vox0.92
Vox0.91
Vox0.90
Volts
Rd=
138.88
62.41
36.92
24.18
16.53
11.44
7.79
5.06
2.94
1.24
KOhms
Trim up
1
2
3
4
56789
10
%
Vout=
Vox1.01
Vox1.02
Vox1.03
Vox1.04
Vox1.05
Vox1.06
Vox1.07
Vox1.08
Vox1.09
Vox1.10
Volts
Ru=
106.87
47.76
28.06
18.21
12.30
8.36
5.55
3.44
1.79
0.48
KOhms
MJWI15-XXS12 Trim Table
Trim down
1
2
3
4
56789
10
%
Vout=
Vox0.99
Vox0.98
Vox0.97
Vox0.96
Vox0.95
Vox0.94
Vox0.93
Vox0.92
Vox0.91
Vox0.90
Volts
Rd=
413.55
184.55
108.22
70.05
47.15
31.88
20.98
12.80
6.44
1.35
KOhms
Trim up
1
2
3
4
56789
10
%
Vout=
Vox1.01
Vox1.02
Vox1.03
Vox1.04
Vox1.05
Vox1.06
Vox1.07
Vox1.08
Vox1.09
Vox1.10
Volts
Ru=
351.00
157.50
93.00
60.75
41.40
28.50
19.29
12.37
7.00
2.70
KOhms
MJWI15-XXS15 Trim Table
Trim down
1
2
3
4
56789
10
%
Vout=
Vox0.99
Vox0.98
Vox0.97
Vox0.96
Vox0.95
Vox0.94
Vox0.93
Vox0.92
Vox0.91
Vox0.90
Volts
Rd=
530.73
238.61
141.24
92.56
63.35
43.87
29.96
19.53
11.41
4.92
KOhms
Trim up
1
2
3
4
56789
10
%
Vout=
Vox1.01
Vox1.02
Vox1.03
Vox1.04
Vox1.05
Vox1.06
Vox1.07
Vox1.08
Vox1.09
Vox1.10
Volts
Ru=
422.77
189.89
112.26
73.44
50.15
34.63
23.54
15.22
8.75
3.58
KOhms
MJWI15-XXS24 Trim Table
Trim down
1
2
3
4
56789
10
%
Vout=
Vox0.99
Vox0.98
Vox0.97
Vox0.96
Vox0.95
Vox0.94
Vox0.93
Vox0.92
Vox0.91
Vox0.90
Volts
Rd=
598.66
267.78
157.49
102.34
69.25
47.19
31.44
19.62
10.43
3.08
KOhms
Trim up
1
2
3
4
56789
10
%
Vout=
Vox1.01
Vox1.02
Vox1.03
Vox1.04
Vox1.05
Vox1.06
Vox1.07
Vox1.08
Vox1.09
Vox1.10
Volts
Ru=
487.14
218.02
128.31
83.46
56.55
38.61
25.79
16.18
8.70
2.72
KOhms



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com