Electronic Components Datasheet Search
  English  ▼

X  

MJWI15 Datasheet(PDF) 1 Page - Minmax Technology Co., Ltd.

Part # MJWI15
Description  fully regulated output voltage
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MJWI15 Datasheet(HTML) 1 Page - Minmax Technology Co., Ltd.

  MJWI15 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MJWI15 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MJWI15 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MJWI15 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MJWI15 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MJWI15 Datasheet HTML 6Page - Minmax Technology Co., Ltd. MJWI15 Datasheet HTML 7Page - Minmax Technology Co., Ltd. MJWI15 Datasheet HTML 8Page - Minmax Technology Co., Ltd. MJWI15 Datasheet HTML 9Page - Minmax Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MJWI15 SERIES
DC/DC CONVERTER 15W, High Power Density
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2015/05/22 P4 Page 1 of 10
®
FEATURES
►Industrial Standard 1" X 1" Package
►Ultra-wide 4:1 Input Voltage Range
►Fully Regulated Output Voltage
►Excellent Efficiency up to 91%
►I/O Isolation 1500 VDC
►Operating Temp. Range -40
℃ to +90℃
►No Min. Load Requirement
►Overload/Voltage and Short Circuit Protection
►Remote On/Off Control, Output Voltage Trim
►Shielded Metal Case with Insulated Baseplate
►Conducted EMI meets EN55022 Class A & FCC Level A
►UL/cUL/IEC/EN 60950-1 Safety Approval(Pending)
PRODUCT OVERVIEW
The MINMAX MJWI15 series are cost optimized dc-dc converter modules offering 15W output power in a 1"x1"x 0.4" shielded metal package with industry
standard pinout. All models provide ultra-wide 4:1 input voltage range and tight output voltage regulation.
State-of-the-art circuit topology provides a high efficiency up to 91% allowing an operating temperature range of -40°C to +90°C
For increased temperature performance the modules are available with an optional clip-on heatsink.
Further features include remote On/Off control,trimmable output voltage, overload and overvoltage protection.
Typical applications for these dc-dc converters are battery operated equipment, instrumentation, distributed power architectures in communication and
industrial electronics and other space critical applications.
Model Selection Guide
Model
Number
Input
Voltage
(Range)
Output
Voltage
Output Current
Input Current
Reflected
Ripple
Current
OVP
Max. capacitive
Load
Efficiency
(typ.)
Max.
@Max. Load
@No Load
Trip-Point
@Max. Load
VDC
VDC
mA
mA(typ.)
mA(typ.)
mA (typ.)
VDC
μF
%
MJWI15-24S033
24
(9 ~ 36)
3.3
3400
544
80
50
3.9
5800
86
MJWI15-24S05
5
3000
710
90
6.2
5100
88
MJWI15-24S12
12
1250
710
40
15
870
88
MJWI15-24S15
15
1000
702
40
18
560
89
MJWI15-24S24
24
625
687
40
30
220
91
MJWI15-24D12
±12
±625
702
40
±15
440#
89
MJWI15-24D15
±15
±500
702
40
±18
280#
89
MJWI15-48S033
48
(18 ~ 75)
3.3
3400
269
40
30
3.9
5800
87
MJWI15-48S05
5
3000
355
45
6.2
5100
88
MJWI15-48S12
12
1250
351
25
15
870
89
MJWI15-48S15
15
1000
351
25
18
560
89
MJWI15-48S24
24
625
343
25
30
220
91
MJWI15-48D12
±12
±625
347
25
±15
440#
90
MJWI15-48D15
±15
±500
351
25
±18
280#
89
# For each output


Similar Part No. - MJWI15

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MJWI10 MINMAX-MJWI10 Datasheet
346Kb / 5P
DC/DC CONVERTER 10W, High Power Density
logo
Total Power Internation...
MJWI10 TOTAL-POWER-MJWI10 Datasheet
491Kb / 5P
Shielded Metal Case with Isolated Baseplate
logo
Minmax Technology Co., ...
MJWI10-24D05 MINMAX-MJWI10-24D05 Datasheet
346Kb / 5P
DC/DC CONVERTER 10W, High Power Density
logo
Total Power Internation...
MJWI10-24D05 TOTAL-POWER-MJWI10-24D05 Datasheet
491Kb / 5P
Shielded Metal Case with Isolated Baseplate
logo
Minmax Technology Co., ...
MJWI10-24D12 MINMAX-MJWI10-24D12 Datasheet
346Kb / 5P
DC/DC CONVERTER 10W, High Power Density
More results

Similar Description - MJWI15

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MFW02 MINMAX-MFW02 Datasheet
407Kb / 5P
fully regulated output voltage
MFW03 MINMAX-MFW03 Datasheet
601Kb / 5P
fully regulated output voltage
MIDER03-HI MINMAX-MIDER03-HI Datasheet
591Kb / 4P
fully regulated output voltage
MIE03-HI MINMAX-MIE03-HI Datasheet
733Kb / 4P
fully regulated output voltage
MIE06-HI MINMAX-MIE06-HI Datasheet
728Kb / 4P
fully regulated output voltage
MIEI03-HI MINMAX-MIEI03-HI Datasheet
713Kb / 4P
fully regulated output voltage
MIW10 MINMAX-MIW10 Datasheet
533Kb / 5P
fully regulated output voltage
MJWI25 MINMAX-MJWI25 Datasheet
404Kb / 10P
fully regulated output voltage
MKE15-HI MINMAX-MKE15-HI Datasheet
418Kb / 5P
fully regulated output voltage
MKE20-HI MINMAX-MKE20-HI Datasheet
409Kb / 5P
fully regulated output voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com