Electronic Components Datasheet Search
  English  ▼

X  

MAX1817 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1817
Description  Compact, High-Efficiency, Dual-Output Step-Up DC-DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1817 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1817 Datasheet HTML 1Page - Maxim Integrated Products MAX1817 Datasheet HTML 2Page - Maxim Integrated Products MAX1817 Datasheet HTML 3Page - Maxim Integrated Products MAX1817 Datasheet HTML 4Page - Maxim Integrated Products MAX1817 Datasheet HTML 5Page - Maxim Integrated Products MAX1817 Datasheet HTML 6Page - Maxim Integrated Products MAX1817 Datasheet HTML 7Page - Maxim Integrated Products MAX1817 Datasheet HTML 8Page - Maxim Integrated Products MAX1817 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Compact, High-Efficiency, Dual-Output
Step-Up DC-DC Converter
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VON = VONLCD =VOUT = +3.3V, FB = GND, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
OUT to GND .............................................................-0.3V to +6V
ON, ONLCD, FB, FBLCD, LX to GND ......-0.3V to (VOUT + 0.3V)
LXLCD to GND .......................................................-0.3V to +30V
AGND to GND .......................................................-0.3V to +0.3V
Continuous Power Dissipation (TA = +70°C)
10-Pin µMAX (derate 5.6mW/°C above +70°C) ...........444mW
LXLCD, LX Maximum Current ........................................0.5ARMS
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
GENERAL
Input Voltage Range
1.5
5.5
V
RLOAD = 35
Ω
1.5
Startup Voltage
RLOAD =
∞, VFB = 1.35V
1.2
1.55
V
Quiescent Current from OUT
(Main Only)
VFB = VFBLCD = 1.35V,
VONLCD = 0
510
µA
Quiescent Current from OUT
VFB = VFBLCD = 1.35V
15
30
µA
Shutdown Quiescent Current
VON = VONLCD = 0
0.1
1
µA
MAIN OUTPUT
VOUT rising, VFB = 1.35V
2.2
2.4
OUT Undervoltage Lockout
VOUT falling, VFB = 1.35V
1.95
2.15
V
Fixed-Mode Output Voltage
VFB
≤ 45mV
3.14
3.3
3.47
V
Adjustable-Mode FB Regulation
Voltage
1.20
1.25
1.30
V
FB Input Bias Current
VFB = 1.35V
50
nA
FB Dual Mode
TM Threshold
45
75
105
mV
Output Voltage Adjustment
Range
2.5
5.5
V
Maximum LX On-Time
VFB = 0.5V
2.4
5
7.5
µs
Zero Crossing Comparator
Threshold (VLX - VOUT)
020
40
mV
Zero Crossing Comparator
Backup Timer
VFB = +0.5V
22
45
70
µs
Line Regulation
IOUT = 100mA,
VIN = +2V to +3V
1.6
%
Load Regulation
VIN = +2.5V,
ILOAD = 10mA to 100mA
1.6
%
LX On-Resistance
VOUT = 3.3V, ILX = 100mA
0.35
0.65
Ω
LX Current Limit
0.5
0.75
1.05
A
Dual Mode is a trademark of Maxim Integrated Products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com