Electronic Components Datasheet Search
  English  ▼

X  

MAX1817 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1817
Description  Compact, High-Efficiency, Dual-Output Step-Up DC-DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1817 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1817 Datasheet HTML 2Page - Maxim Integrated Products MAX1817 Datasheet HTML 3Page - Maxim Integrated Products MAX1817 Datasheet HTML 4Page - Maxim Integrated Products MAX1817 Datasheet HTML 5Page - Maxim Integrated Products MAX1817 Datasheet HTML 6Page - Maxim Integrated Products MAX1817 Datasheet HTML 7Page - Maxim Integrated Products MAX1817 Datasheet HTML 8Page - Maxim Integrated Products MAX1817 Datasheet HTML 9Page - Maxim Integrated Products MAX1817 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Compact, High-Efficiency, Dual-Output
Step-Up DC-DC Converter
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(Circuit of Figure 3, TA = +25°C, unless otherwise specified)
400
µs/div
MAIN LOAD TRANSIENT RESPONSE
MAX1817-08
A: VOUT, 100mV/div, AC-COUPLED
B: ILOAD, OUT, 50mA/div
VIN = 2.4V, VOUT = 3.3V
A
B
0
200
µs/div
LCD LOAD TRANSIENT RESPONSE
MAX1817-09
A: VLCD, 50mV/div, AC-COUPLED
B: ILOAD, OUT, 10mA/div
VIN = 2.4V, VOUT = 3.3V (NO LOAD), VLCD = 18V
A
B
0
400
µs/div
MAIN LINE TRANSIENT RESPONSE
MAX1817-10
A: VOUT, 100mV/div, AC-COUPLED
B: VIN, 1V/div
VOUT = 3.3V, ILOAD,MAIN = 20mA, VONLCD = 0
A
B
2.4V
1.8V
200
µs/div
LCD LINE TRANSIENT RESPONSE
MAX1817-11
A: VLCD, 100mV/div, AC-COUPLED
B: VIN, 1V/div
VOUT = 3.3V (NO LOAD), VLCD = 18V, ILOAD,LCD = 2mA
A
B
2.4V
1.8V
100
µs/div
MAIN OUTPUT TURN-ON/TURN-OFF
RESPONSE
MAX1817-12
A: VOUT, 2V/div
B: IIN, 500mA/div
C: VON, 5V/div
VIN = 2.4V, RLOAD,MAIN = 165
Ω, VONLCD = 0
A
B
0
0
0
C
400
µs/div
LCD OUTPUT TURN-ON/TURN-OFF
RESPONSE
MAX1817-13
A: VLCD, 10V/div
B: IIN, 200mA/div
C: VONLCD, 5V/div
VIN = 2.4V, VOUT = 3.3V (NO LOAD), RLOAD,LCD = 9k
Ω
A
B
0
0
0
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com