Electronic Components Datasheet Search
  English  ▼

X  

MAX1817 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1817
Description  Compact, High-Efficiency, Dual-Output Step-Up DC-DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1817 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1817 Datasheet HTML 1Page - Maxim Integrated Products MAX1817 Datasheet HTML 2Page - Maxim Integrated Products MAX1817 Datasheet HTML 3Page - Maxim Integrated Products MAX1817 Datasheet HTML 4Page - Maxim Integrated Products MAX1817 Datasheet HTML 5Page - Maxim Integrated Products MAX1817 Datasheet HTML 6Page - Maxim Integrated Products MAX1817 Datasheet HTML 7Page - Maxim Integrated Products MAX1817 Datasheet HTML 8Page - Maxim Integrated Products MAX1817 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Compact, High-Efficiency, Dual-Output
Step-Up DC-DC Converter
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VON = VONLCD = VOUT = +3.3V, FB = GND, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
LX Leakage Current
VON = GND, VLX = 5.5V
0.1
1
µA
ON Input Low Voltage
1.8V < VOUT < 5.5V, VFB = 0.5V
400
mV
ON Input High Voltage
1.8V < VOUT < 5.5V, VFB = 0.5V
1.6
V
ON Input Bias Current
1µA
LCD OUTPUT
LXLCD Voltage
28
V
LXLCD On-Resistance
VOUT = 3.3V, ILXLCD = 100mA
1.1
2.0
Ω
LXLCD Current Limit
0.28
0.5
0.7
A
LXLCD Leakage Current
VLXLCD = 28V, VONLCD = 0
0.1
1
µA
FBLCD Regulation Voltage
1.20
1.25
1.30
V
FBLCD Input Bias Current
VFBLCD = 1.35V
50
nA
LCD Line Regulation
ILOAD = 5mA, VIN = +2V to +3V
0.1
%
LCD Load Regulation
ILOAD = 1mA to 5mA, VIN = +2.5V
0.5
%
Maximum LXLCD On-Time
4
9
14
µs
VFBLCD
≥ 1.2V
0.5
1
1.5
Minimum LXLCD Off-Time
VFBLCD
≤ 0.7V
2.4
5
7.5
µs
ONLCD Input Low Voltage
2.5V < VOUT < 5.5V
400
mV
ONLCD Input High Voltage
2.5V < VOUT < 5.5V
1.6
V
ONLCD Input Bias Current
1µA
ELECTRICAL CHARACTERISTICS
(VON = VONLCD = VOUT = +3.3V, FB = GND, TA = -40°C to +85°C, unless otherwise noted.) (Note 1)
PARAMETER
CONDITIONS
MIN
MAX
UNITS
GENERAL
Input Voltage Range
1.5
5.5
V
Startup Voltage
RLOAD =
∞, VFB = 1.35V
1.7
V
Quiescent Current from OUT
(Main Only)
VFB = VFBLCD = 1.35V, VONLCD = 0
10
µA
Quiescent Current from OUT
VFB = VFBLCD = 1.35V
30
µA
Shutdown Quiescent Current
VON = VONLCD = 0
1
µA
MAIN OUTPUT
VOUT rising, VFB = 1.35V
2.4
OUT Undervoltage Lockout
VOUT falling, VFB = 1.35V
1.95
V
Fixed-Mode Output Voltage
VFB
≤ 45mV
3.14
3.47
V
Adjustable-Mode FB Regulation
Voltage
1.20
1.30
V
FB Input Bias Current
VFB = 1.35V
50
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com