Electronic Components Datasheet Search
  English  ▼

X  

LD1610 Datasheet(PDF) 2 Page - LDT Co., Ltd

Part # LD1610
Description  High Power LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LDT [LDT Co., Ltd]
Direct Link  http://www.ldt.co.kr/
Logo LDT - LDT Co., Ltd

LD1610 Datasheet(HTML) 2 Page - LDT Co., Ltd

  LD1610 Datasheet HTML 1Page - LDT Co., Ltd LD1610 Datasheet HTML 2Page - LDT Co., Ltd LD1610 Datasheet HTML 3Page - LDT Co., Ltd LD1610 Datasheet HTML 4Page - LDT Co., Ltd LD1610 Datasheet HTML 5Page - LDT Co., Ltd LD1610 Datasheet HTML 6Page - LDT Co., Ltd LD1610 Datasheet HTML 7Page - LDT Co., Ltd LD1610 Datasheet HTML 8Page - LDT Co., Ltd LD1610 Datasheet HTML 9Page - LDT Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Ver1.3
2
LDT Inc. WE bldg. 5F, 126-33 Han-dle 1ro, Seobuk-gu, Cheonan, Chungnam, korea, 331-220
Tel. +82 41 520 7300 Fax. +82 41 520 7337 www.ldt.co.kr
LD1610
High Power LED Driver
REVISION HISTORY
REV No.
Revision Summary
Date
1.0
Initial release
2010-11-11
1.1
Added Items
▪
(Page 4) : ‘Power efficiency up to 95%’
▪ Insert Page13
▪ (Page 7) : Power Dissipation
∙∙∙, Note[1]
▪ (Page 9) : In case,
Δif = 38.6%∙∙∙
In case,
Δif = 82%∙∙∙
Deleted Items
▪ (Page 10) : 10.5 Thermal considerations
2011-7-28
1.2
Changed absolute maximum rating voltage as below
▪
(Page 7) : VIN 48VDC → 55VDC
▪
(Page 7) : VSW 48VDC → 55VDC
2013-01-25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com