Electronic Components Datasheet Search
  English  ▼

X  

LD1610 Datasheet(PDF) 13 Page - LDT Co., Ltd

Part # LD1610
Description  High Power LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LDT [LDT Co., Ltd]
Direct Link  http://www.ldt.co.kr/
Logo LDT - LDT Co., Ltd

LD1610 Datasheet(HTML) 13 Page - LDT Co., Ltd

Back Button LD1610 Datasheet HTML 8Page - LDT Co., Ltd LD1610 Datasheet HTML 9Page - LDT Co., Ltd LD1610 Datasheet HTML 10Page - LDT Co., Ltd LD1610 Datasheet HTML 11Page - LDT Co., Ltd LD1610 Datasheet HTML 12Page - LDT Co., Ltd LD1610 Datasheet HTML 13Page - LDT Co., Ltd LD1610 Datasheet HTML 14Page - LDT Co., Ltd LD1610 Datasheet HTML 15Page - LDT Co., Ltd LD1610 Datasheet HTML 16Page - LDT Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Ver1.3
13
LDT Inc. WE bldg. 5F, 126-33 Han-dle 1ro, Seobuk-gu, Cheonan, Chungnam, korea, 331-220
Tel. +82 41 520 7300 Fax. +82 41 520 7337 www.ldt.co.kr
LD1610
High Power LED Driver
11.6 Efficiency vs. Input Voltage
T
A = 25℃, VFORWARD-LED = 3.25V @ 350mA,
75.00%
80.00%
85.00%
90.00%
95.00%
100.00%
12
14
16
18
20
22
24
26
28
30
VIN(V)
75.00%
80.00%
85.00%
90.00%
95.00%
100.00%
20
22
24
26
28
30
32
34
36
38
40
VIN(V)
75.00%
80.00%
85.00%
90.00%
95.00%
100.00%
6
8
10
12
14
16
18
20
22
24
VIN(V)
1 LED
2 LED
3 LED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com