Electronic Components Datasheet Search
  English  ▼

X  

LD1610 Datasheet(PDF) 11 Page - LDT Co., Ltd

Part # LD1610
Description  High Power LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LDT [LDT Co., Ltd]
Direct Link  http://www.ldt.co.kr/
Logo LDT - LDT Co., Ltd

LD1610 Datasheet(HTML) 11 Page - LDT Co., Ltd

Back Button LD1610 Datasheet HTML 7Page - LDT Co., Ltd LD1610 Datasheet HTML 8Page - LDT Co., Ltd LD1610 Datasheet HTML 9Page - LDT Co., Ltd LD1610 Datasheet HTML 10Page - LDT Co., Ltd LD1610 Datasheet HTML 11Page - LDT Co., Ltd LD1610 Datasheet HTML 12Page - LDT Co., Ltd LD1610 Datasheet HTML 13Page - LDT Co., Ltd LD1610 Datasheet HTML 14Page - LDT Co., Ltd LD1610 Datasheet HTML 15Page - LDT Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Ver1.3
11
LDT Inc. WE bldg. 5F, 126-33 Han-dle 1ro, Seobuk-gu, Cheonan, Chungnam, korea, 331-220
Tel. +82 41 520 7300 Fax. +82 41 520 7337 www.ldt.co.kr
LD1610
High Power LED Driver
11.5 Components Selection
Capacitor Selection
Manufacturer
Site
AVX
www.avxcorp.com
Kemet
www.kemet.com
Murata
www.murata.com
Taiyo Yuden
www.t-yuden.com
Table 1. Recommended Capacitor Manufacturers
Inductor Selection
Part Number
DCR [Ω]
Current Rating [A]
Inductance [uH]
Manufacturer
B1280 Series
0.01 ~ 0.47
0.75 ~ 8.1
2.2~330
sanha
SDR0805 Series
0.11 ~ 1.96
0.5 ~ 2.3
22 ~ 470
bourns
SDR1006 Series
0.10 ~ 1.48
0.8 ~ 3.5
22 ~ 470
bourns
SRU1048 Series
0.04 ~ 0.49
0.52 ~ 2
22 ~ 330
bourns
SK75-19074801C
0.96
0.8
220
Sankyo shoji
CD104-MC
0.55
0.53
220
Sumida
MSS1048-KL
0.5~1
0.43~0.95
220~470
CoilCraft
NR10050T211M
0.45
0.8
220
Taiyo yuden
74456222
0.78
0.9
220
SMD
Table 2. Recommended Inductor Manufacturers
The small size of ceramic capacitors makes them ideal for LD1610 applications. X5R and X7R types
retain their capacitance over wider voltage and temperature ranges and are recommended over Y5V
or Z5U types. A 4.7uF input capacitor(C2) and two 1uF capacitors(C1, C3) are sufficient for the most
DC operations. The rated voltage of C2 and C3 is recommended about 1.5 times than VIN, and C1
is 1.5 times than VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com