Electronic Components Datasheet Search
  English  ▼

X  

MAX1864TEEE Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX1864TEEE
Description  xDSL/Cable Modem Triple/Quintuple Output Power Supplies
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1864TEEE Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX1864TEEE Datasheet HTML 9Page - Maxim Integrated Products MAX1864TEEE Datasheet HTML 10Page - Maxim Integrated Products MAX1864TEEE Datasheet HTML 11Page - Maxim Integrated Products MAX1864TEEE Datasheet HTML 12Page - Maxim Integrated Products MAX1864TEEE Datasheet HTML 13Page - Maxim Integrated Products MAX1864TEEE Datasheet HTML 14Page - Maxim Integrated Products MAX1864TEEE Datasheet HTML 15Page - Maxim Integrated Products MAX1864TEEE Datasheet HTML 16Page - Maxim Integrated Products MAX1864TEEE Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
xDSL/Cable Modem Triple/Quintuple Output
Power Supplies
______________________________________________________________________________________
13
Current-Limit Circuit
The current-limit circuit employs a unique “valley” cur-
rent-limiting algorithm that uses the low-side MOSFET’s
on-resistance as a sensing element (Figure 3). If the
voltage across the low-side MOSFET (RDS(ON) ✕ IIN-
DUCTOR) exceeds the current-limit threshold at the
beginning of a new oscillator cycle, the MAX1864/
MAX1865 will not turn on the high-side MOSFET. The
actual peak current is greater than the current-limit
threshold by an amount equal to the inductor ripple
current. Therefore, the exact current-limit characteristic
and maximum load capability are a function of the low-
side MOSFET on-resistance, inductor value, input volt-
age, and output voltage. The reward for this uncertainty
is robust, loss-less overcurrent limiting.
In adjustable mode, the current-limit threshold voltage
is 1/5th the voltage seen at ILIM (IVALLEY = 0.2 ✕ VILIM).
Adjust the current-limit threshold by connecting a resis-
tive-divider from VL to ILIM to GND. The current-limit
threshold can be set from 106mV to 530mV, which cor-
responds to ILIM input voltages of 500mV to 2.5V. This
adjustable current limit accommodates MOSFETs with
a wide range of on-resistance characteristics (see
Design Procedure). The current-limit threshold defaults
to 250mV when ILIM is connected to VL. The logic
threshold for switchover to the 250mV default value is
approximately VL - 1V.
Carefully observe the PC board layout guidelines to
ensure that noise and DC errors don’t corrupt the cur-
rent-sense signals seen by LX and GND. The IC must
be mounted close to the low-side MOSFET with short
(less than 5mm), direct traces making a Kelvin sense
connection.
Synchronous Rectifier Driver (DL)
Synchronous rectification reduces conduction losses in
the rectifier by replacing the normal Schottky catch
diode with a low-resistance MOSFET switch. The
MAX1864/MAX1865 also use the synchronous rectifier
to ensure proper startup of the boost gate-driver circuit
and to provide the current-limit signal.
The DL low-side drive waveform is always the comple-
ment of the DH high-side drive waveform (with con-
trolled dead time to prevent cross-conduction or
“shoot-through”). A dead-time circuit monitors the DL
output and prevents the high-side FET from turning on
until DL is fully off. For the dead-time circuit to work
properly, there must be a low-resistance, low-induc-
tance path from the DL driver to the MOSFET gate.
Otherwise, the sense circuitry in the MAX1864/
MAX1865 will interpret the MOSFET gate as “off” when
gate charge actually remains. Use very short, wide
traces (50mil to 100mil wide if the MOSFET is 1 inch
from the device). The dead time at the other edge (DH
turning off) is determined by a fixed internal delay.
High-Side Gate-Drive Supply (BST)
Gate-drive voltage for the high-side N-channel switch is
generated by a flying-capacitor boost circuit (Figure 1).
The capacitor between BST and LX is alternately
charged from the VL supply and placed parallel to the
high-side MOSFET’s gate-source terminals.
On startup, the synchronous rectifier (low-side MOS-
FET) forces LX to ground and charges the boost
capacitor to 5V. On the second half-cycle, the switch-
mode power supply turns on the high-side MOSFET by
closing an internal switch between BST and DH. This
provides the necessary gate-to-source voltage to turn
on the high-side switch, an action that boosts the 5V
gate-drive signal above the battery voltage.
Internal 5V Linear Regulator (VL)
All MAX1864/MAX1865 functions, except the current-
sense amplifier, are internally powered from the on-
chip, low-dropout 5V regulator. The maximum regulator
input voltage (VIN) is 28V. Bypass the regulator’s output
(VL) with at least a 1µF ceramic capacitor to GND. The
VIN-to-VL dropout voltage is typically 200mV, so when
VIN is less than 5.2V, VL is typically VIN - 200mV.
The internal linear regulator can source up to 20mA to
supply the IC, power the low-side gate driver, charge
the external boost capacitor, and supply small external
loads. When driving particularly large FETs, little or no
regulator current may be available for external loads.
For example, when switched at 200kHz, a large FET
with 40nC total gate charge requires 40nC x 200kHz,
or 8mA.
IVALLEY
ILOAD
[
()]
TIME
-IPEAK
L
VOUT
VINfOSC
(VIN - VOUT)
IPEAK = IVALLEY +
Figure 3. “Valley” Current-Limit Threshold Point



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com