Electronic Components Datasheet Search
  English  ▼

X  

MAX1864TEEE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1864TEEE
Description  xDSL/Cable Modem Triple/Quintuple Output Power Supplies
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1864TEEE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1864TEEE Datasheet HTML 1Page - Maxim Integrated Products MAX1864TEEE Datasheet HTML 2Page - Maxim Integrated Products MAX1864TEEE Datasheet HTML 3Page - Maxim Integrated Products MAX1864TEEE Datasheet HTML 4Page - Maxim Integrated Products MAX1864TEEE Datasheet HTML 5Page - Maxim Integrated Products MAX1864TEEE Datasheet HTML 6Page - Maxim Integrated Products MAX1864TEEE Datasheet HTML 7Page - Maxim Integrated Products MAX1864TEEE Datasheet HTML 8Page - Maxim Integrated Products MAX1864TEEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
xDSL/Cable Modem Triple/Quintuple Output
Power Supplies
4
_______________________________________________________________________________________
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
GENERAL
Operating Input Voltage Range
(Note 1)
VIN
4.5
28
V
MAX1864
2
Quiescent Supply Current
IIN
VFB = 0, VOUT = 4V, VFB2
= VFB3 = VFB4 = 1.5V,
VFB5 = -0.1V
MAX1865
3
mA
VL REGULATOR
Output Voltage
VL
6V < VIN < 28V, 0.1mA < ILOAD <20mA
4.75
5.25
V
Power-Supply Rejection
PSRR
VIN = 6V to 28V
3
%
Undervoltage Lockout Trip Level
VUVLO
VL rising, 3% hysteresis (typ)
3
4
V
DC-DC CONTROLLER
Output Voltage (Preset Mode)
VOUT
FB = GND
3.247
3.380
V
Feedback Set Voltage
(Adjustable Mode)
VSET
FB = COMP
1.211
1.261
V
Current-Sense Amplifier Voltage
Gain
ALIM
VIN - VLX = 250mV
4.12
5.68
V/V
Current-Limit Threshold
(Internal Mode)
VVALLEY
VILIM = 5V
150
350
mV
Current-Limit Threshold
(External Mode)
VVALLEY
VILIM = 2.5V
400
660
mV
MAX186_T
160
240
Switching Frequency
fOSC
MAX186_U
80
120
kHz
Maximum Duty Cycle
DMAX
74
90
%
POSITIVE ANALOG GAIN BLOCKS
FB2, FB3, FB4 Regulation
Voltage
VB2 = VB3 = VB4 = 5V, IB2 = IB3 = IB4 =
1mA (sink)
1.215
1.265
V
FB2, FB3, FB4 to B_
Transconductance
∆VFB_
VB2 = VB3 = VB4 = 5V, IB2 = IB3 = IB4 =
0.5mA to 5mA (sink)
-2.25
%
NEGATIVE ANALOG GAIN BLOCK
FB5 Regulation Voltage
VB5 = VOUT - 2V, VOUT = 3.5V, IB5 = 1mA
(source)
-25
+10
mV
FB5 to B5 Transconductance
∆VFB5
VB5 = 0, IB5 = 0.5mA to 5mA (source)
-30
mV
ELECTRICAL CHARACTERISTICS
(VIN = 12V, ILIM = FB = GND, VBST - VLX = 5V, TA = -40°C to +85°C, unless otherwise noted.) (Note 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com