Electronic Components Datasheet Search
  English  ▼

X  

MAX1864TEEE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1864TEEE
Description  xDSL/Cable Modem Triple/Quintuple Output Power Supplies
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1864TEEE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1864TEEE Datasheet HTML 1Page - Maxim Integrated Products MAX1864TEEE Datasheet HTML 2Page - Maxim Integrated Products MAX1864TEEE Datasheet HTML 3Page - Maxim Integrated Products MAX1864TEEE Datasheet HTML 4Page - Maxim Integrated Products MAX1864TEEE Datasheet HTML 5Page - Maxim Integrated Products MAX1864TEEE Datasheet HTML 6Page - Maxim Integrated Products MAX1864TEEE Datasheet HTML 7Page - Maxim Integrated Products MAX1864TEEE Datasheet HTML 8Page - Maxim Integrated Products MAX1864TEEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
xDSL/Cable Modem Triple/Quintuple Output
Power Supplies
_______________________________________________________________________________________
3
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX186_T
160
200
240
Switching Frequency
fOSC
MAX186_U
80
100
120
kHz
Maximum Duty Cycle
DMAX
77
82
90
%
Soft-Start Period
tSOFT
1024
1/fOSC
Soft-Start Steps
VREF/64
V
DH Output Low Voltage
ISINK = 10mA, measured from DH to LX
0.1
V
DH Output High Voltage
ISOURCE = 10mA, measured from BST to DH
0.1
V
DL Output Low Voltage
ISINK = 10mA, measured from DL to GND
0.1
V
DL Output High Voltage
ISOURCE = 10mA, measured from DL to GND
VL - 0.1
V
DH, DL On-Resistance
310
Ω
Output Drive Current
Sourcing or sinking, VDH or VDL = VL/2
0.5
A
LX, BST Leakage Current
VBST = VLX = VIN = 28V, VFB = 1.5V
0.03
20
µA
POSITIVE ANALOG GAIN BLOCKS
FB2, FB3, FB4 Regulation
Voltage
VB2 = VB3 = VB4 = 5V,
IB2 = IB3 = IB4 = 1mA (sink)
1.226
1.240
1.257
V
FB2, FB3, FB4 to B_
Transconductance
∆VFB_
VB2 = VB3 = VB4 = 5V, IB2 = IB3 = IB4 =
0.5mA to 5mA (sink)
-1
-1.75
%
Feedback Input Leakage
Current
IFB_VFB2 = VFB3 = VFB4 = 1.5V
0.01
100
nA
VB2 = VB3 = VB4 = 2.5V
10
23
Driver Sink Current
IB_
VFB2 = VFB3 =
VFB4 = 1.188V
VB2 = VB3 = VB4 = 4.0V
26
mA
NEGATIVE ANALOG GAIN BLOCK
FB5 Regulation Voltage
VB5 = VOUT - 2V, VOUT = 3.5V, IB5 = 1mA
(source)
-20
-5
+10
mV
FB5 to B5 Transconductance
∆VFB5
VB5 = 0, IB5 = 0.5mA to 5mA (source)
-13
-20
mV
Feedback Input Leakage
Current
IFB5
VFB5 = -100mV
0.01
100
nA
Driver Source Current
IB5
VFB5 = 200mV, VB5 = VOUT - 2.0V, VOUT =
3.5V
10
25
mA
POWER GOOD (POK)
OUT Trip Level (Preset Mode)
FB = GND, falling edge, 1% hysteresis (typ)
2.88
3
3.12
V
FB Trip Level (Adjustable Mode)
Falling edge, 1% hysteresis (typ)
1.070
1.114
1.159
V
FB2, FB3, FB4 Trip Level
Falling edge, 1% hysteresis (typ)
1.070
1.114
1.159
V
FB5 Trip Level
Rising edge, 35mV hysteresis (typ)
368
500
632
mV
POK Output Low Level
ISINK = 1mA
0.4
V
POK Output High Leakage
VPOK = 5V
1
µA
THERMAL PROTECTION (Note 3)
Thermal Shutdown
Rising temperature
160
°C
Thermal Shutdown Hysteresis
15
°C
ELECTRICAL CHARACTERISTICS (continued)
(VIN = 12V, ILIM = FB = GND, VBST - VLX = 5V, TA = 0°C to +85°C. Typical values are at TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com