Electronic Components Datasheet Search
  English  ▼

X  

MAX1921 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1921
Description  Low-Voltage, 400mA Step-Down DC-DC Converters in SOT23
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1921 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1921 Datasheet HTML 1Page - Maxim Integrated Products MAX1921 Datasheet HTML 2Page - Maxim Integrated Products MAX1921 Datasheet HTML 3Page - Maxim Integrated Products MAX1921 Datasheet HTML 4Page - Maxim Integrated Products MAX1921 Datasheet HTML 5Page - Maxim Integrated Products MAX1921 Datasheet HTML 6Page - Maxim Integrated Products MAX1921 Datasheet HTML 7Page - Maxim Integrated Products MAX1921 Datasheet HTML 8Page - Maxim Integrated Products MAX1921 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
General Description
The MAX1920/MAX1921 step-down converters deliver
over 400mA to outputs as low as 1.25V. These convert-
ers use a unique proprietary current-limited control
scheme that achieves over 90% efficiency. These
devices maintain extremely low quiescent supply current
(50µA), and their high 1.2MHz (max) operating frequency
permits small, low-cost external components. This combi-
nation makes the MAX1920/MAX1921 excellent high-
efficiency alternatives to linear regulators in space-
constrained applications.
Internal synchronous rectification greatly improves effi-
ciency and eliminates the external Schottky diode
required in conventional step-down converters. Both
devices also include internal digital soft-start to limit
input current upon startup and reduce input capacitor
requirements.
The MAX1920 provides an adjustable output voltage
(1.25V to 4V). The MAX1921 provides factory-preset
output voltages (see the Selector Guide). Both are
available in space-saving 6-pin SOT23 packages.
Applications
Next-Generation Wireless Handsets
PDAs, Palmtops, and Handy-Terminals
Battery-Powered Equipment
CDMA Power Amplifier Supply
Features
o 400mA Guaranteed Output Current
o Internal Synchronous Rectifier for >90%
Efficiency
o Tiny 6-Pin SOT23 Package
o Up to 1.2MHz Switching Frequency for Small
External Components
o 50µA Quiescent Supply Current
o 0.1µA Logic-Controlled Shutdown
o 2V to 5.5V Input Range
o Fixed 1.5V, 1.8V, 2.5V, 3V, and 3.3V Output
Voltages (MAX1921)
o Adjustable Output Voltage (MAX1920)
o ±1.5% Initial Accuracy
o Soft-Start Limits Startup Current
Note: The MAX1921 offers five preset output voltage options.
See the Selector Guide, and then insert the proper designator
into the blanks above to complete the part number.
Low-Voltage, 400mA Step-Down
DC-DC Converters in SOT23
________________________________________________________________ Maxim Integrated Products
1
19-2296; Rev 1; 7/02
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
MAX1921
IN
AGND
SHDN
LX
PGND
OUT
OFF
ON
4.75k
Ω
4.7
µF
4.7
µH
5600pF
OUTPUT
1.5V UP TO 400mA
INPUT
2V TO 5.5V
CIN
Typical Operating Circuit
PART
TEMP RANGE
PIN-PACKAGE
MAX1920EUT-T
-40°C to +85°C
6 SOT23-6
MAX1921EUT_ _-T
-40°C to +85°C
6 SOT23-6
Ordering Information
AGND
OUT (FB)
SHDN
16
LX
5
PGND
IN
MAX1920
MAX1921
SOT23-6
TOP VIEW
2
34
( ) ARE FOR MAX1920 ONLY
Pin Configuration


Similar Part No. - MAX1921

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1921 MAXIM-MAX1921 Datasheet
93Kb / 8P
PLASTIC ENCAPSULATED DEVICES
Rev. A April 30, 2003
MAX1921 MAXIM-MAX1921 Datasheet
95Kb / 4P
fully assembled and tested Evaluation Kit
Rev 0; 03/02
MAX1921 MAXIM-MAX1921 Datasheet
1Mb / 12P
Low-Voltage, 400mA Step-Down DC-DC Converters in SOT23
2005
MAX1921EUT MAXIM-MAX1921EUT Datasheet
93Kb / 8P
PLASTIC ENCAPSULATED DEVICES
Rev. A April 30, 2003
MAX1921EUT15 MAXIM-MAX1921EUT15 Datasheet
803Kb / 11P
Low-Voltage, 400mA Step-Down DC-DC Converters in SOT23
Rev 3; 8/05
More results

Similar Description - MAX1921

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1733 MAXIM-MAX1733 Datasheet
265Kb / 8P
Low-Voltage, Step-Down DC-DC Converters in SOT23
19-1586; Rev 0; 7/00
logo
Linear Technology
LTC3523 LINER-LTC3523 Datasheet
252Kb / 16P
Synchronous 600mA Step-Up and 400mA Step-Down DC/DC Converters
logo
Torex Semiconductor
XCL208 TOREX-XCL208 Datasheet
824Kb / 22P
400mA Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
logo
Maxim Integrated Produc...
MAX1921EUT25-T MAXIM-MAX1921EUT25-T Datasheet
803Kb / 11P
Low-Voltage, 400mA Step-Down DC-DC Converters in SOT23
Rev 3; 8/05
logo
Skyworks Solutions Inc.
AAT1130 SKYWORKS-AAT1130 Datasheet
2Mb / 18P
2.5MHz 400mA Step-Down DC/DC Converter
logo
Torex Semiconductor
XC9244 TOREX-XC9244 Datasheet
585Kb / 24P
400mA Synchronous Step-Down DC/DC Converters
logo
Linear Technology
LTC3523 LINER-LTC3523_15 Datasheet
263Kb / 16P
Synchronous 600mA Step-Up and 400mA Step-Down DC/DC Converters
LTC3523-2 LINER-LTC3523-2_15 Datasheet
263Kb / 16P
Synchronous 600mA Step-Up and 400mA Step-Down DC/DC Converters
logo
Maxim Integrated Produc...
MAX20021 MAXIM-MAX20021_V01 Datasheet
947Kb / 16P
Automotive Quad, Low-Voltage Step-Down DC-DC Converters
2014
MAX1920 MAXIM-MAX1920_V01 Datasheet
1Mb / 12P
Low-Voltage, 400mA Step-Down DC-DC Converters in SOT23
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com