Electronic Components Datasheet Search
  English  ▼

X  

MAX1921 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1921
Description  Low-Voltage, 400mA Step-Down DC-DC Converters in SOT23
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1921 Datasheet(HTML) 7 Page - Maxim Integrated Products

  MAX1921 Datasheet HTML 1Page - Maxim Integrated Products MAX1921 Datasheet HTML 2Page - Maxim Integrated Products MAX1921 Datasheet HTML 3Page - Maxim Integrated Products MAX1921 Datasheet HTML 4Page - Maxim Integrated Products MAX1921 Datasheet HTML 5Page - Maxim Integrated Products MAX1921 Datasheet HTML 6Page - Maxim Integrated Products MAX1921 Datasheet HTML 7Page - Maxim Integrated Products MAX1921 Datasheet HTML 8Page - Maxim Integrated Products MAX1921 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Capacitor Selection
For nearly all applications, the input capacitor, CIN,
may be as small as 2.2µF ceramic with X5R or X7R
dielectric. The input capacitor filters peak currents and
noise at the voltage source and, therefore, must meet
the input ripple requirements and voltage rating.
Calculate the maximum RMS input current as:
The output capacitor, COUT, may be either ceramic or
tantalum depending upon the chosen application cir-
cuit (see Figures 1 through 4). Table 3 lists some sug-
gested capacitor suppliers.
Ceramic Output Capacitor
For ceramic COUT, use the application circuit of Figure 1
or Figure 2. Calculate the minimum capacitor value as:
Select the next standard value larger than COUT(MIN).
The COUT(MIN) calculation already includes a margin
for capacitor tolerance. Values much larger than
COUT(MIN) always improve transient performance and
stability, but capacitor size and cost increase.
Tantalum Output Capacitor
For tantalum COUT, use the application circuit of Figure
3 or Figure 4. With tantalum COUT, the equivalent series
resistance (ESR) of COUT must be large enough for sta-
bility. Generally, 25mV of ESR-ripple at the feedback
node is sufficient. The simplified calculation is:
Because tantalum capacitors rarely specify minimum
ESR, choose a capacitor with typical ESR that is about
twice as much as ESRCOUT(MIN). Although ESRs
greater than this work, output ripple becomes larger.
For tantalum COUT, calculate the minimum output
capacitance as:
The 1.25 multiplier is for capacitor tolerance. Select any
standard value larger than COUT(MIN).
Feedback and Compensation
The MAX1921 has factory preset output voltages of
1.5V, 1.8V, 2.5V, 3V, and 3.3V, while the MAX1920 is
externally adjusted by connecting FB to a resistive volt-
age-divider. When using a ceramic output capacitor,
the feedback network must include a compensation
feed-forward capacitor, CFF.
C
MIN
L I
MAX
ESR
MIN
V
OUT
OUT
COUT
CRITICAL
()
.
()
()
=×
×
×
125
ESR
MIN
V
COUT
OUT
()
.
=×
×
−
80 10
2
C
MIN
V
OUT
CRITICAL
()
.
=×
×
−
25 10
6
I
RMS
I
MAX
VV
V
V
IN
OUT
OUT
IN
OUT
IN
()
()
()
=×
−
Low-Voltage, 400mA Step-Down
DC-DC Converters in SOT23
_______________________________________________________________________________________
7
MAX1920
IN
AGND
SHDN
LX
PGND
FB
OFF
ON
R1
COUT
L
CFF
OUTPUT
UP TO 400mA
INPUT
2V TO 5.5V
CIN
R2
2
1
3
5
6
4
Figure 2. Typical Application Circuit (MAX1920)
MAX1921
IN
AGND
SHDN
LX
PGND
OUT
OFF
ON
COUT
L
OUTPUT
UP TO 400mA
INPUT
2V TO 5.5V
CIN
2
1
3
5
6
4
Figure 3. MAX1921 Application Circuit Using Tantalum Output
Capacitor



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com