Electronic Components Datasheet Search
  English  ▼

X  

MAX1921 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1921
Description  Low-Voltage, 400mA Step-Down DC-DC Converters in SOT23
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1921 Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX1921 Datasheet HTML 1Page - Maxim Integrated Products MAX1921 Datasheet HTML 2Page - Maxim Integrated Products MAX1921 Datasheet HTML 3Page - Maxim Integrated Products MAX1921 Datasheet HTML 4Page - Maxim Integrated Products MAX1921 Datasheet HTML 5Page - Maxim Integrated Products MAX1921 Datasheet HTML 6Page - Maxim Integrated Products MAX1921 Datasheet HTML 7Page - Maxim Integrated Products MAX1921 Datasheet HTML 8Page - Maxim Integrated Products MAX1921 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Design Procedure
The MAX1920/MAX1921 are optimized for small external
components and fast transient response. There are
several application circuits (Figures 1 through 4) to
allow the choice between ceramic or tantalum output
capacitor and internally or externally set output volt-
ages. The use of a small ceramic output capacitor is
preferred for higher reliability, improved voltage-posi-
tioning transient response, reduced output ripple, and
the smaller size and greater availability of ceramic versus
tantalum capacitors.
Voltage Positioning
Figures 1 and 2 are the application circuits that utilize
small ceramic output capacitors. For stability, the circuit
obtains feedback from the LX node through R1, while
load transients are fed-forward through CFF. Because
there is no D.C. feedback from the output, the output volt-
age exhibits load regulation that is equal to the output
load current multiplied by the inductor’s series resistance.
This small amount of load regulation is similar to voltage
positioning as used by high-powered microprocessor
supplies intended for personal computers. For the
MAX1920/MAX1921, voltage positioning eliminates or
greatly reduces undershoot and overshoot during load
transients (see the Typical Operating Characteristics),
which effectively halves the peak-to-peak output voltage
excursions compared to traditional step-down converters.
For convenience, Table 1 lists the recommended external
component values for use with the MAX1921 application
circuit of Figure 1 with various input and output voltages.
Inductor Selection
In order to calculate the smallest inductor, several cal-
culations are needed. First, calculate the maximum
duty cycle of the application as:
Second, calculate the critical voltage across the inductor as:
if DutyCycle(MAX) < 50%,
then VCRITICAL = (VIN(MIN) - VOUT),
else VCRITICAL = VOUT
Last, calculate the minimum inductor value as:
Select the next standard value larger than L(MIN). The
L(MIN) calculation already includes a margin for induc-
tance tolerance. Although values much larger than
L(MIN) work, transient performance, efficiency, and
inductor size suffer.
A 550mA rated inductor is enough to prevent saturation
for output currents up to 400mA. Saturation occurs
when the inductor’s magnetic flux density reaches the
maximum level the core can support and inductance
falls. Choose a low DC-resistance inductor to improve
efficiency. Tables 2 and 3 list some suggested inductors
and suppliers.
L MIN
VCRITICAL
()
.
=×
×
−
25 10
6
DutyCycle MAX
V
V
MIN
OUT
IN
()
()
%
=×100
Low-Voltage, 400mA Step-Down
DC-DC Converters in SOT23
6
_______________________________________________________________________________________
Table 1. MAX1921 Suggested
Components for Figure 1
INPUT SOURCE
OUTPUT
5V
3.3V, 1 Li+,
3 x AA
2.5V, 2 x AA
3.3V
3.0V
L = 10µH, COUT = 10µF,
R1 = 8.25k
Ω, CFF = 3300pF
2.5V
L = 6.8µH, COUT = 6.8µF,
R1 = 5.62k
Ω, CFF = 4700pF
N/A
1.8V
1.5V
L = 10µH,
COUT = 10µF,
R1 = 8.25k
Ω,
CFF = 3300pF
L = 4.7µH, COUT = 4.7µF,
R1 = 4.75k
Ω, CFF = 5600pF
Table 2. Suggested Inductors
PART
NUMBER
L
(µH)
RL
(ohms max)
Isat (A)
SIZE
4.7
0.200
1.10
6.8
0.320
0.90
Coilcraft
LPO1704
10
0.410
0.80
6.6 x 5.5 x 1.0
= 36.3mm3
4.7
0.080
0.90
6.8
0.095
0.73
Sumida
CDRH3D16
10
0.160
0.55
3.8 x 3.8 x 1.8
= 26.0mm3
4.7
0.081
0.63
Sumida
CDRH2D18
6.8
0.108
0.57
3.2 x 3.2 x 2.0
= 20.5mm3
4.7
0.38
0.74
Toko
D312F
10
0.79
0.50
3.6 x 3.6 x 1.2
= 15.6mm3
4.7
0.230
0.84
Toko
D412F
10
0.490
0.55
4.6 x 4.6 x 1.2
= 25.4mm3
4.7
0.087
1.14
6.8
0.105
0.95
Toko
D52LC
10
0.150
0.76
5.0 x 5.0 x 2.0
= 50.0mm3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com