Electronic Components Datasheet Search
  English  ▼

X  

MAX194 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX194
Description  14-Bit, 85ksps ADC with 10A Shutdown
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX194 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX194 Datasheet HTML 9Page - Maxim Integrated Products MAX194 Datasheet HTML 10Page - Maxim Integrated Products MAX194 Datasheet HTML 11Page - Maxim Integrated Products MAX194 Datasheet HTML 12Page - Maxim Integrated Products MAX194 Datasheet HTML 13Page - Maxim Integrated Products MAX194 Datasheet HTML 14Page - Maxim Integrated Products MAX194 Datasheet HTML 15Page - Maxim Integrated Products MAX194 Datasheet HTML 16Page - Maxim Integrated Products MAX194 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
14-Bit, 85ksps ADC with 10µA Shutdown
______________________________________________________________________________________
13
INPUT
SIGNAL
1N914
DIODE
CLAMPS
+5V
AIN
MAX194
-5V
VSSA
VDDA
+15V
-15V
10
Ω
EOC
A0
A1
CLK
CHANGE MUX INPUT HERE
CONVERSION
IN1
A0
A1
IN2
IN3
IN4
OUT
AQUISITION
MAX194
4-TO-1
MUX
EOC
AIN
Figure 12. Analog Input Protection for Overvoltage or Improper Supply Sequence
Figure 13. Change multiplexer input near beginning of conversion to allow time for slewing and settling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com