Electronic Components Datasheet Search
  English  ▼

X  

MAX194 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX194
Description  14-Bit, 85ksps ADC with 10A Shutdown
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX194 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX194 Datasheet HTML 1Page - Maxim Integrated Products MAX194 Datasheet HTML 2Page - Maxim Integrated Products MAX194 Datasheet HTML 3Page - Maxim Integrated Products MAX194 Datasheet HTML 4Page - Maxim Integrated Products MAX194 Datasheet HTML 5Page - Maxim Integrated Products MAX194 Datasheet HTML 6Page - Maxim Integrated Products MAX194 Datasheet HTML 7Page - Maxim Integrated Products MAX194 Datasheet HTML 8Page - Maxim Integrated Products MAX194 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
14-Bit, 85ksps ADC with 10µA Shutdown
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDDD = VDDA = +5V, VSSD = VSSA = -5V, fCLK = 1.7MHz, VREF = +5V, TA = TMIN to TMAX, unless otherwise noted. Typical
values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDDD to DGND .....................................................................+7V
VDDA to AGND......................................................................+7V
VSSD to DGND.........................................................+0.3V to -6V
VSSA to AGND .........................................................+0.3V to -6V
VDDD to VDDA, VSSD to VSSA ..........................................±0.3V
AIN, REF ....................................(VSSA - 0.3V) to (VDDA + 0.3V)
AGND to DGND ..................................................................±0.3V
Digital Inputs to DGND...............................-0.3V, (VDDA + 0.3V)
Digital Outputs to DGND............................-0.3V, (VDDA + 0.3V)
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 10.53mW/°C above +70°C) ............842mW
Wide SO (derate 9.52mW/°C above +70°C)..................762mW
Ceramic SB (derate 10.53mW/°C above +70°C)...........842mW
Operating Temperature Ranges
MAX194_C_E ........................................................0°C to +70°C
MAX194_E_E .....................................................-40°C to +85°C
MAX194_MDE..................................................-55°C to +125°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
16(tCLK)
Unipolar
MAX194B, VREF = 4.75V
MAX194A, VREF = 4.75V
MAX194A
MAX194B
MAX194A, VREF = 4.75V
VSSA = -5.25V to -4.75V, VREF = 4.75V
MAX194B, VREF = 4.75V
VDDA = 4.75V to 5.25V, VREF = 4.75V
CONDITIONS
MHz
1.7
fCLK
Clock Frequency
(Notes 2, 3)
µs
9.4
tCONV
Conversion Time
dB
-90
Peak Spurious Noise
dB
-90
THD
Total Harmonic Distortion
(up to the 5th harmonic)
V
0
VREF
Input Range
dB
65
Power-Supply Rejection
Ratio (VDDA and VSSA only)
65
LSB
±1
DNL
Differential Nonlinearity
Bits
14
RES
Resolution
ppm/°C
0.1
Full-Scale Tempco
LSB
±2
Unipolar Full-Scale Error
±1
Unipolar/Bipolar Offset Tempco
ppm/°C
0.4
±1⁄2
LSB
±1
INL
Integral Nonlinearity
±1
LSB
±2
Unipolar/Bipolar Offset Error
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Unipolar
pF
250
Input Capacitance
dB
82
SINAD
Signal-to-Noise plus Distortion
Ratio
MHz
5
fSCLK
Serial Clock Frequency
Bipolar
Bipolar
125
-VREF
VREF
MAX194B, VREF = 4.75V
MAX194A, VREF = 4.75V
LSB
±4
Bipolar Full-Scale Error
±2
ACCURACY (Note 1)
ANALOG INPUT
DYNAMIC PERFORMANCE (fs = 85kHz, bipolar range AIN = -5V to +5V, 1kHz) (Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com