Electronic Components Datasheet Search
  English  ▼

X  

MAX194 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX194
Description  14-Bit, 85ksps ADC with 10A Shutdown
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX194 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX194 Datasheet HTML 16Page - Maxim Integrated Products MAX194 Datasheet HTML 17Page - Maxim Integrated Products MAX194 Datasheet HTML 18Page - Maxim Integrated Products MAX194 Datasheet HTML 19Page - Maxim Integrated Products MAX194 Datasheet HTML 20Page - Maxim Integrated Products MAX194 Datasheet HTML 21Page - Maxim Integrated Products MAX194 Datasheet HTML 22Page - Maxim Integrated Products MAX194 Datasheet HTML 23Page - Maxim Integrated Products MAX194 Datasheet HTML 24Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
14-Bit, 85ksps ADC with 10µA Shutdown
______________________________________________________________________________________
21
Constraints on sequencing the four power supplies are
as follows.
• Apply VDDA before VDDD.
• Apply VSSA before VSSD.
• Apply AIN and REF after VDDA and VSSA are present.
• The power supplies should settle within the
MAX194’s power-on delay (minimum 500ns) or you
should recalibrate the converter (pulse RESET low)
before use.
Be sure that digital return currents do not pass through
the analog ground and that return-current paths are low
impedance. A 5mA current flowing through a PC board
ground trace impedance of only 0.1
Ω creates an error
voltage of about 500µV, or about 1LSB error with a ±4V
full-scale system.
The board layout should ensure as much as possible
that digital and analog signal lines are kept separate.
Do not run analog and digital (especially clock) lines
parallel to one another. If you must cross one with the
other, do so at right angles.
The ADC’s high-speed comparator is sensitive to high-
frequency noise on the VDDA and VSSA power sup-
plies. Bypass these supplies to the analog ground
plane with 0.1µF in parallel with 1µF or 10µF low-ESR
capacitors. Keep capacitor leads short for best supply-
noise rejection.
Shutdown
The MAX194 may be shut down by pulling BP/UP/
SHDN low. In addition to lowering power dissipation to
10µW (100µW max) when the device is not in use, con-
siderable power savings is possible by shutting the
converter down for short periods between conversions.
There is no need to perform a reset (calibration) after
the converter has been shut down unless the time in
shutdown is long enough that the supply voltages or
ambient temperature may have changed.
The time required for the converter to “wake up” and
settle depends heavily on the amount of additional error
acceptable. For 0.1LSB additional error, 3.2µs is suffi-
cient settling time and also allows enough time for reac-
quisition of the analog input signal. 20µs settling is
required for less than 0.05LSB error. Figure 23 is a
Figure 21. MAX194 Code Listing for 68HC16 Module and Circuit of Figure 19 (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com