Electronic Components Datasheet Search
  English  ▼

X  

MAX195 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX195
Description  16-Bit, 85ksps ADC with 10uA Shutdown
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX195 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX195 Datasheet HTML 1Page - Maxim Integrated Products MAX195 Datasheet HTML 2Page - Maxim Integrated Products MAX195 Datasheet HTML 3Page - Maxim Integrated Products MAX195 Datasheet HTML 4Page - Maxim Integrated Products MAX195 Datasheet HTML 5Page - Maxim Integrated Products MAX195 Datasheet HTML 6Page - Maxim Integrated Products MAX195 Datasheet HTML 7Page - Maxim Integrated Products MAX195 Datasheet HTML 8Page - Maxim Integrated Products MAX195 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
16-Bit, 85ksps ADC with 10µA Shutdown
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDDD = VDDA = +5V, VSSD = VSSA = -5V, fCLK = 1.7MHz, VREF = +5V, TA = TMIN to TMAX, unless otherwise noted. Typical
values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDDD to DGND .....................................................................+7V
VDDA to AGND......................................................................+7V
VSSD to DGND.........................................................+0.3V to -6V
VSSA to AGND .........................................................+0.3V to -6V
VDDD to VDDA, VSSD to VSSA ..........................................±0.3V
AIN, REF ....................................(VSSA - 0.3V) to (VDDA + 0.3V)
AGND to DGND ..................................................................±0.3V
Digital Inputs to DGND...............................-0.3V, (VDDA + 0.3V)
Digital Outputs to DGND............................-0.3V, (VDDA + 0.3V)
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 10.53mW/°C above +70°C) ............842mW
Wide SO (derate 9.52mW/°C above +70°C)..................762mW
Ceramic SB (derate 10.53mW/°C above +70°C)...........842mW
Operating Temperature Ranges
MAX195_C_E ........................................................0°C to +70°C
MAX195_E_E .....................................................-40°C to +85°C
MAX195_MDE..................................................-55°C to +125°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
MAX195A
16 (tCLK)
TA = +25°C
TA = +25°C
Unipolar
VREF = 4.75V
MAX195A
MAX195B
MAX195A, VREF = 4.75V
VSSA = -5.25V to -4.75V, VREF = 4.75V
MAX195B, VREF = 4.75V
VDDA = 4.75V to 5.25V, VREF = 4.75V
CONDITIONS
MHz
1.7
fCLK
Clock Frequency
(Notes 3, 4)
µs
9.4
tCONV
Conversion Time
dB
-90
Peak Spurious Noise (Note 2)
dB
-97
-90
THD
Total Harmonic Distortion (up to
the 5th harmonic) (Note 2)
V
0
VREF
Input Range
dB
65
Power-Supply Rejection
Ratio (VDDA and VSSA only)
65
±1
Bits
16
RES
Resolution
ppm/°C
0.1
Full-Scale Tempco
%FSR
Unipolar Full-Scale Error
±0.0075
Unipolar/Bipolar Offset Tempco
ppm/°C
0.4
±0.003
%FSR
±0.004
INL
Integral Nonlinearity
±3
LSB
±4
Unipolar/Bipolar Offset Error
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Unipolar
pF
250
Input Capacitance
TA = +25°C
dB
87
90
SINAD
Signal-to-Noise plus Distortion
Ratio (Note 2)
MHz
5
fSCLK
Serial Clock Frequency
Bipolar
Bipolar
125
-VREF
VREF
VREF = 4.75V
%FSR
Bipolar Full-Scale Error
±0.018
MAX195B
LSB
±2
DNL
ACCURACY (Note 1)
ANALOG INPUT
DYNAMIC PERFORMANCE (fs = 85kHz, bipolar range AIN = -5V to +5V, 1kHz) (Note 1)
Differential Nonlinearity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com