Electronic Components Datasheet Search
  English  ▼

X  

MAX195 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX195
Description  16-Bit, 85ksps ADC with 10uA Shutdown
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX195 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX195 Datasheet HTML 17Page - Maxim Integrated Products MAX195 Datasheet HTML 18Page - Maxim Integrated Products MAX195 Datasheet HTML 19Page - Maxim Integrated Products MAX195 Datasheet HTML 20Page - Maxim Integrated Products MAX195 Datasheet HTML 21Page - Maxim Integrated Products MAX195 Datasheet HTML 22Page - Maxim Integrated Products MAX195 Datasheet HTML 23Page - Maxim Integrated Products MAX195 Datasheet HTML 24Page - Maxim Integrated Products MAX195 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
16-Bit, 85ksps ADC with 10µA Shutdown
______________________________________________________________________________________
21
Be sure that digital return currents do not pass through
the analog ground and that return-current paths are low
impedance. A 5mA current flowing through a PC board
ground trace impedance of only 0.05
Ω creates an error
voltage of about 250µV, or about 2LSBs error with a
±4V full-scale system.
The board layout should ensure as much as possible
that digital and analog signal lines are kept separate.
Do not run analog and digital (especially clock) lines
parallel to one another. If you must cross one with the
other, do so at right angles.
The ADC’s high-speed comparator is sensitive to high-
frequency noise on the VDDA and VSSA power sup-
plies. Bypass these supplies to the analog ground
plane with 0.1µF in parallel with 1µF or 10µF low-ESR
capacitors. Keep capacitor leads short for best supply-
noise rejection.
Shutdown
The MAX195 may be shut down by pulling BP/UP/
SHDN low. In addition to lowering power dissipation to
10µW (100µW max) when the device is not in use, you
can save considerable power by shutting the converter
down for short periods between conversions. There is
no need to perform a reset (calibration) after the con-
verter has been shut down unless the time in shutdown
is long enough that the supply voltages or ambient tem-
perature may have changed.
The time required for the converter to “wake up” and
settle depends heavily on the amount of additional error
acceptable. For 0.5LSB additional error, 3.2µs is suffi-
cient settling time and also allows enough time for reac-
quisition of the analog input signal. 50µs settling is
required for less than 0.1LSB error. Figure 23 is a
graph of theoretical power consumption vs. conver-
sions per second for the MAX195 that assumes the
conversion clock is 1.7MHz and the converter is shut
down as much as possible between conversions.
Stop CLK before shutting down the MAX195. CLK must
be stopped without generating short clock pulses. Short
CLK pulses (less than 150ns), or shutting down the
MAX195 without stopping CLK, may adversely affect the
MAX195’s internal calibration data. In applications
where CLK is free-running and asynchronous, use the
circuit of Figure 24 to stop CLK cleanly.
To minimize the time required to settle and perform a
conversion, shut the converter down only after a con-
version is finished and the desired mode (unipolar or
bipolar) has been set. This ensures that the sampling
capacitor array is properly connected to the input sig-
nal. If shut down in mid-conversion, when awakened,
Figure 21. MAX195 Code Listing for 68HC16 Module and Circuit of Figure 19 (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com