Electronic Components Datasheet Search
  English  ▼

X  

MAX1963 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1963
Description  Low-Input-Voltage, 300mA LDO Regulators with RESETin SOT and TDFN
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1963 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1963 Datasheet HTML 1Page - Maxim Integrated Products MAX1963 Datasheet HTML 2Page - Maxim Integrated Products MAX1963 Datasheet HTML 3Page - Maxim Integrated Products MAX1963 Datasheet HTML 4Page - Maxim Integrated Products MAX1963 Datasheet HTML 5Page - Maxim Integrated Products MAX1963 Datasheet HTML 6Page - Maxim Integrated Products MAX1963 Datasheet HTML 7Page - Maxim Integrated Products MAX1963 Datasheet HTML 8Page - Maxim Integrated Products MAX1963 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Low-Input-Voltage, 300mA LDO Regulators
with RESET in SOT and TDFN
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = (VOUT + 0.5V) or 1.8V, whichever is greater; SHDN = IN, CIN = 1µF, COUT = 4.7µF, TA = -40°C to +85°C, unless otherwise
noted. Typical values are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN, SHDN, RESET to GND .....................................-0.3V to +4.0V
OUT to GND ................................................-0.3V to (VIN + 0.3V)
Output Short-Circuit Duration.....................................Continuous
Continuous Power Dissipation (TA = +70°C)
6-Pin SOT23 (derate 9.1mW/°C above +70°C)............727mW
6-Pin TDFN (derate 24.4mW/°C above +70°C) .........1951mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ..................................................... +150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage
VIN
1.62
3.60
V
Input Undervoltage Lockout
VUVLO
VIN rising or falling
(180mV typical hysteresis)
1.30
1.60
V
IOUT = 150mA, TA = +25°C
-0.5
+0.5
Output Voltage Accuracy
IOUT = 1mA to 300mA,
VIN = (VOUT + 0.5V) to +3.6V
-1.5
+1.5
%
Maximum Output Current
IOUT
Continuous
300
mARMS
Current Limit
ILIM
VOUT = 96% of nominal value
450
550
650
mA
No load
70
140
IOUT = 300mA
90
Ground Current
IQ
Dropout (Note 2)
70
µA
Dropout Voltage
VIN - VOUT IOUT = 300mA, VOUT
≥ 1.8V (Note 2)
100
200
mV
Load Regulation
∆VLDR
IOUT = 1mA to 300mA
0.02
0.3
%
Line Regulation
∆VLNR
VIN = (VOUT + 0.5V) to +3.6V, IOUT = 1mA
-0.15
+0.01
+0.15
%/V
Output Noise
10Hz to 100kHz, IOUT = 10mA, VOUT = 1.5V
86
µVRMS
PSRR
f < 1kHz, IOUT = 10mA
70
dB
SHUTDOWN
TA = +25°C
0.001
1
Shutdown Supply Current
IOFF
SHDN = GND
TA = +85°C
0.01
µA
VIH
VIN = 1.62V to 3.6V
1.4
SHDN Input Logic Levels
VIL
VIN = 1.62V to 3.6V
0.6
V
TA = +25°C
1
100
SHDN Input Bias Current
ISHDN
VSHDN = 0 or 3.6V
TA = +85°C5
nA
Turn-On Delay
From SHDN high to OUT high, VOUT = 1.8V
90
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com