Electronic Components Datasheet Search
  English  ▼

X  

MAX1963 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1963
Description  Low-Input-Voltage, 300mA LDO Regulators with RESETin SOT and TDFN
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1963 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1963 Datasheet HTML 3Page - Maxim Integrated Products MAX1963 Datasheet HTML 4Page - Maxim Integrated Products MAX1963 Datasheet HTML 5Page - Maxim Integrated Products MAX1963 Datasheet HTML 6Page - Maxim Integrated Products MAX1963 Datasheet HTML 7Page - Maxim Integrated Products MAX1963 Datasheet HTML 8Page - Maxim Integrated Products MAX1963 Datasheet HTML 9Page - Maxim Integrated Products MAX1963 Datasheet HTML 10Page - Maxim Integrated Products MAX1963 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Internal P-Channel Pass Transistor
The MAX1963/MAX1976 feature a 0.33
Ω (RDS(ON))
P-channel MOSFET pass transistor. Unlike similar
designs using PNP pass transistors, P-channel
MOSFETs require no base drive, which reduces quies-
cent current. PNP-based regulators also waste consid-
erable current in dropout when the pass transistor
saturates and use high base-drive currents under large
loads. The MAX1963/MAX1976 do not suffer from these
problems and consume only 90µA (typ) of quiescent
current under heavy loads, as well as in dropout.
Shutdown
Pull SHDN low to enter shutdown. During shutdown, the
output is disconnected from the input, an internal 1.5k
Ω
resistor pulls OUT to GND, RESET is actively pulled
low, and the supply current drops below 1µA.
RESET Output
The MAX1963/MAX1976 microprocessor (µP) supervisory
circuitry asserts a guaranteed logic-low reset during
power-up, power-down, and brownout conditions down
to +1V. RESET asserts when VOUT is below the reset
threshold and remains asserted for at least tRP after VOUT
rises above the reset threshold of regulation.
Current Limit
The MAX1963/MAX1976 monitor and control the pass
transistor’s gate voltage, limiting the output current to
450mA (min). If the output exceeds ILIM, the MAX1963/
MAX1976 output voltage drops.
Thermal-Overload Protection
Thermal-overload protection limits total power dissipa-
tion in the MAX1963/MAX1976. When the junction tem-
perature exceeds TJ = +165°C, a thermal sensor turns
off the pass transistor, allowing the IC to cool. The ther-
mal sensor turns the pass transistor on again after the
junction temperature cools by 15°C, resulting in a
pulsed output during continuous thermal-overload con-
ditions. Thermal-overload protection safeguards the
MAX1963/MAX1976 in the event of fault conditions. For
continuous operation, do not exceed the absolute maxi-
mum junction-temperature rating of TJ = +150°C.
Operating Region and Power Dissipation
The MAX1963/MAX1976 maximum power dissipation
depends on the thermal resistance of the IC package
and circuit board, the temperature difference between
the die junction and ambient air, and the rate of airflow.
The power dissipated in the device is P = IOUT ✕ (VIN -
VOUT). The maximum allowed power dissipation is:
PMAX = (TJ(MAX) - TA) / (
θJC + θCA)
where (TJ(MAX) - TA) is the temperature difference
between the MAX1963/MAX1976 die junction and the
surrounding air,
θJC is the thermal resistance of the
junction to the case, and
θCA is the thermal resistance
from the case through the PC board, copper traces,
and other materials to the surrounding air. For best
heatsinking, expand the copper connected to the
exposed paddle or GND.
Low-Input-Voltage, 300mA LDO Regulators
with RESET in SOT and TDFN
_______________________________________________________________________________________
7
MAXIMUM OUTPUT CURRENT
vs. INPUT VOLTAGE
(POWER DISSIPATION LIMIT)
(VIN - VOUT) (V)
2.5
2.0
1.5
1.0
0.5
100
200
300
400
0
0
3.0
MAXIMUM RECOMMENDED
OUTPUT CURRENT 6-PIN SOT23
TA = +85
°C
TA = +70
°C
Figure 2. Power Operating Regions for the 6-Pin SOT23:
Maximum Output Current vs. Input Voltage
MAXIMUM OUTPUT CURRENT
vs. INPUT VOLTAGE
(POWER DISSIPATION LIMIT)
(VIN - VOUT) (V)
2.5
2.0
1.5
1.0
0.5
100
200
300
400
0
0
3.0
MAXIMUM RECOMMENDED
OUTPUT CURRENT 6-PIN TDFN
TA = +85
°C
Figure 3. Power Operating Regions for the 6-Pin TDFN:
Maximum Output Current vs. Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com