Electronic Components Datasheet Search
  English  ▼

X  

MAX1963 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1963
Description  Low-Input-Voltage, 300mA LDO Regulators with RESETin SOT and TDFN
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1963 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1963 Datasheet HTML 2Page - Maxim Integrated Products MAX1963 Datasheet HTML 3Page - Maxim Integrated Products MAX1963 Datasheet HTML 4Page - Maxim Integrated Products MAX1963 Datasheet HTML 5Page - Maxim Integrated Products MAX1963 Datasheet HTML 6Page - Maxim Integrated Products MAX1963 Datasheet HTML 7Page - Maxim Integrated Products MAX1963 Datasheet HTML 8Page - Maxim Integrated Products MAX1963 Datasheet HTML 9Page - Maxim Integrated Products MAX1963 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Detailed Description
The MAX1963/MAX1976 are low-dropout, high-accuracy,
low-quiescent-current linear regulators designed primarily
for battery-powered applications. These devices supply
loads up to 300mA and are available with preset output
voltages from +0.75V to +3.0V. As illustrated in Figure 1,
the MAX1963/MAX1976 consist of a reference, an error
amplifier, a P-channel pass transistor, an internal feed-
back voltage-divider, and a power-good comparator.
The reference is connected to the error amplifier, which
compares this reference with the feedback voltage and
amplifies the difference. If the feedback voltage is
lower than the reference voltage, the pass-transistor
gate is pulled lower, which allows more current to pass
to the output and increases the output voltage. If the
feedback voltage is too high, the pass-transistor gate is
pulled up, allowing less current to pass to the output.
Low-Input-Voltage, 300mA LDO Regulators
with RESET in SOT and TDFN
6
_______________________________________________________________________________________
Pin Description
PIN
SOT23
TDFN
NAME
FUNCTION
16
IN
Regulator Input. Supply voltage can range from +1.62V to +3.6V. Bypass IN with at least a 1µF
ceramic capacitor to GND (see the Capacitor Selection and Regulator Stability section).
2
—
GND
Ground. GND also functions as a heatsink. Solder to a large pad or circuit-board ground plane to
maximize SOT23 power dissipation.
—
4
GND
Ground
35
SHDN
Active-Low Shutdown Input. A logic low reduces supply current to below 1µA. Connect to IN or
logic high for normal operation.
43
RESET
Open-Drain, Active-Low Reset Output. RESET rises 3.2ms (MAX1963) or 100ms (MAX1976) after
the output has achieved regulation. RESET falls immediately if VOUT drops below 82.5% of its
nominal voltage, or if the MAX1963/MAX1976 are shut down.
5
2
I.C.
Internally Connected. Leave floating or connect to GND.
6
1
OUT
Regulator Output. Sources up to 300mA. Bypass with a 4.7µF low-ESR ceramic capacitor to GND.
—
Exposed
Pad
EP
Ground. EP also functions as a heatsink. Solder EP to a large pad or circuit-board ground plane
to maximize TDFN power dissipation.
MAX1963
MAX1976
IN
GND
SHDN
SHUTDOWN
LOGIC
THERMAL
SENSOR
REF
82.5%
REF
TIMER
ERROR
AMP
MOS DRIVER
WITH ILIMIT
OUT
RESET
P
Figure 1. Functional Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com