Electronic Components Datasheet Search
  English  ▼

X  

MAX189BC/D Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX189BC/D
Description  5V, Low-Power, 12-Bit Serial ADCs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX189BC/D Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX189BC/D Datasheet HTML 4Page - Maxim Integrated Products MAX189BC/D Datasheet HTML 5Page - Maxim Integrated Products MAX189BC/D Datasheet HTML 6Page - Maxim Integrated Products MAX189BC/D Datasheet HTML 7Page - Maxim Integrated Products MAX189BC/D Datasheet HTML 8Page - Maxim Integrated Products MAX189BC/D Datasheet HTML 9Page - Maxim Integrated Products MAX189BC/D Datasheet HTML 10Page - Maxim Integrated Products MAX189BC/D Datasheet HTML 11Page - Maxim Integrated Products MAX189BC/D Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
+5V, Low-Power, 12-Bit Serial ADCs
8
_______________________________________________________________________________________
DOUT
DOUT
3k
DGND
CLOAD = 100pF
CLOAD = 100pF
3k
DGND
+5V
b. High-Z to VOL and VOH to VOL
a. High-Z to VOH and VOL to VOH
DOUT
DOUT
3k
DGND
CLOAD = 100pF
CLOAD = 100pF
3k
DGND
+5V
b. VOLto High-Z
a. VOH to High-Z
Figure 1. Load Circuits for DOUT Enable Time
Figure 2. Load Circuits for DOUT Disable Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com