Electronic Components Datasheet Search
  English  ▼

X  

MAX189BC/D Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX189BC/D
Description  5V, Low-Power, 12-Bit Serial ADCs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX189BC/D Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX189BC/D Datasheet HTML 5Page - Maxim Integrated Products MAX189BC/D Datasheet HTML 6Page - Maxim Integrated Products MAX189BC/D Datasheet HTML 7Page - Maxim Integrated Products MAX189BC/D Datasheet HTML 8Page - Maxim Integrated Products MAX189BC/D Datasheet HTML 9Page - Maxim Integrated Products MAX189BC/D Datasheet HTML 10Page - Maxim Integrated Products MAX189BC/D Datasheet HTML 11Page - Maxim Integrated Products MAX189BC/D Datasheet HTML 12Page - Maxim Integrated Products MAX189BC/D Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Track/Hold
In track mode, the analog signal is acquired and stored
in the internal hold capacitor. In hold mode, the T/H
switch opens and maintains a constant input to the
ADC’s SAR section.
During acquisition, the analog input AIN charges
capacitor CHOLD. Bringing CS low ends the acquisition
interval. At this instant, the T/H switches the input side
of CHOLD to GND. The retained charge on CHOLD rep-
resents a sample of the input, unbalancing the node
ZERO at the comparator’s input.
In hold mode, the capacitive DAC adjusts during the
remainder of the conversion cycle to restore node
ZERO to 0V within the limits of a 12-bit resolution. This
action is equivalent to transferring a charge from
CHOLD to the binary-weighted capacitive DAC, which in
turn forms a digital representation of the analog input
signal. At the conversion’s end, the input side of CHOLD
switches back to AIN, and CHOLD charges to the input
signal again.
The time required for the T/H to acquire an input signal
is a function of how quickly its input capacitance is
charged. If the input signal’s source impedance is
high, the acquisition time lengthens and more time
must be allowed between conversions. Acquisition time
is calculated by:
tACQ = 9 (RS + RIN) 16pF,
where RIN = 5kΩ, RS = the source impedance of the
input signal, and tACQ is never less than 1.5µs. Source
impedances below 5k
Ω do not significantly affect the
AC performance of the ADC.
+5V, Low-Power, 12-Bit Serial ADCs
_______________________________________________________________________________________
9
AIN
TRACK INPUT
HOLD
CPACKAGE
GND
TRACK
HOLD
5k
RIN
CHOLD
16pF
-+
CSWITCH
COMPARATOR
ZERO
REF
12-BIT CAPACITIVE DAC
AT THE SAMPLING INSTANT,
THE INPUT SWITCHES FROM
AIN TO GND.
ON
OFF
SHUTDOWN
INPUT
ANALOG INPUT
0V TO +5V
+5V
1
2
3
4
VDD
AIN
SHDN
REF
8
7
6
5
SCLK
CS
DOUT
GND
SERIAL
INTERFACE
0.1
µF
4.7
µF
0.1
µF
REFERENCE
INPUT
MAX189
ON
OFF
SHUTDOWN
INPUT
ANALOG INPUT
0V TO +5V
+5V
1
2
3
4
VDD
AIN
SHDN
REF
8
7
6
5
SCLK
CS
DOUT
GND
SERIAL
INTERFACE
4.7
µF
4.7
µF
0.1
µF
MAX187
Figure 3a. MAX187 Operational Diagram
Figure 3b. MAX189 Operational Diagram
Figure 4. Equivalent Input Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com