Electronic Components Datasheet Search
  English  ▼

X  

MAX1970EEE Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX1970EEE
Description  Dual, 180째 Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1970EEE Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX1970EEE Datasheet HTML 6Page - Maxim Integrated Products MAX1970EEE Datasheet HTML 7Page - Maxim Integrated Products MAX1970EEE Datasheet HTML 8Page - Maxim Integrated Products MAX1970EEE Datasheet HTML 9Page - Maxim Integrated Products MAX1970EEE Datasheet HTML 10Page - Maxim Integrated Products MAX1970EEE Datasheet HTML 11Page - Maxim Integrated Products MAX1970EEE Datasheet HTML 12Page - Maxim Integrated Products MAX1970EEE Datasheet HTML 13Page - Maxim Integrated Products MAX1970EEE Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Dual, 180° Out-of-Phase, 1.4MHz, 750mA Step-
Down Regulator with POR and RSI/PFO
10
______________________________________________________________________________________
5ms/div
5V/div
SHUTDOWN RESPONSE
POR
EN
VOUT1
VOUT2
MAX1970
VIN = 5V
VOUT1 = 3.3V, VOUT2 = 2.5V
IOUT1 = 375mA, IOUT2 = 375mA
Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
NAME
PIN
MAX1970/MAX1972
MAX1971
FUNCTION
1
LX1
LX1
Inductor Connection 1. Connect an inductor between LX1 and OUT1.
2VCC
VCC
Analog Supply Voltage. Bypass with 0.1µF to ground.
3
COMP1
COMP1
OUT1 Regulator Compensation. Connect series RC network from COMP1 to GND.
COMP1 is pulled to GND when the outputs are shut down. See the Compensation
Design section for component values.
4
FB1
FB1
OUT1 Feedback. Connected to OUT1 for internal mode (FBSEL1 = GND or VCC).
Use an external resistor-divider from OUT1 to GND to set the output voltage from
1.2V to VIN for external mode (FBSEL1 = unconnected). See the Output Voltage
Selection section for <1.2V output.
5
FB2
FB2
OUT2 Feedback. Connected to OUT2 for internal mode (FBSEL2 = GND or VCC).
Use an external resistor-divider from OUT2 to GND to set the output voltage from
1.2V to VIN for external mode (FBSEL2 = unconnected). See the Output Voltage
Selection section for <1.2V output.
6
COMP2
COMP2
OUT2 Regulator Compensation. Connect series RC network from COMP2 to GND.
COMP2 is pulled to GND when the outputs are shut down. See the Compensation
Design section for component values.
7
REF
REF
Reference. Bypass with 0.01µF to 1.0µF capacitor. REF controls the soft-start
ramp and is pulled to GND when the outputs are shut down.
8
GND
GND
Ground
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com