Electronic Components Datasheet Search
  English  ▼

X  

MAX218C/D Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX218C/D
Description  1.8V to 4.25V-Powered, True RS-232 Dual Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX218C/D Datasheet(HTML) 8 Page - Maxim Integrated Products

  MAX218C/D Datasheet HTML 1Page - Maxim Integrated Products MAX218C/D Datasheet HTML 2Page - Maxim Integrated Products MAX218C/D Datasheet HTML 3Page - Maxim Integrated Products MAX218C/D Datasheet HTML 4Page - Maxim Integrated Products MAX218C/D Datasheet HTML 5Page - Maxim Integrated Products MAX218C/D Datasheet HTML 6Page - Maxim Integrated Products MAX218C/D Datasheet HTML 7Page - Maxim Integrated Products MAX218C/D Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
8
___________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 (408) 737-7600
© 1995 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
1.8V to 4.25V-Powered,
True RS-232 Dual Transceiver
___________________Chip Topography
TRANSISTOR COUNT: 571
SUBSTRATE CONNECTED TO GND
C1+
GND
T1OUT
SHDN
EN
T2OUT
GND
T1IN
LX
V+
R2IN
R1OUT
T2IN
R2OUT
0.101"
(2.565mm)
0.122"
(3.099mm)
R1IN
C1-
V-
GND
VCC
______3V-Powered EIA/TIA-232 and EIA/TIA-562 Transceivers from Maxim
0.1µF capacitors, AutoShutdown,
complementary receivers, drives mice
232
120
1
3/5
3.0 to 5.5
MAX3243
0.1µF capacitors, 2 complementary
receivers, drives mice
232
120
2
2/2
3.0 to 5.5
MAX3241
Pin-compatible with MAX232
232
120
2
2/2
3.0 to 5.5
MAX3232
0.1µF capacitors
232
120
2
2/2
3.0 to 5.5
MAX3223
0.1µF capacitors
232
120
2
2/2
3.0 to 5.5
MAX3222
Same as MAX218, but with AutoShutdown
232
120
2
2/2
1.8 to 4.25
MAX3218
AutoShutdown, complementary receiver,
drives mice, transient detection
232
120
5
3/5
2.7 to 3.6
MAX3212
0.1µF capacitors
562
120
2
2/2
3.0 to 3.6
MAX563
Wide supply range
562
230
5
3/5
2.7 to 5.25
MAX562
Pin-compatible with MAX214
562
120
0
4/5
3.0 to 3.6
MAX561
Pin-compatible with MAX213
562
120
2
4/5
3.0 to 3.6
MAX560
Operates directly from a battery
without a voltage regulator
232
120
2
2/2
1.8 to 4.25
MAX218
Drives mice
232
120
5
3/5
3.0 to 3.6
MAX212
FEATURES
EIT/TIA-
232
OR 562
GUARANTEED
DATA RATE
(kbps)
No. OF
RECEIVERS
ACTIVE IN
SHUTDOWN
No. OF
TRANSMITTERS/
RECEIVERS
SUPPLY
VOLTAGE
(V)
PART



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com