Electronic Components Datasheet Search
  English  ▼

X  

MAX218C/D Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX218C/D
Description  1.8V to 4.25V-Powered, True RS-232 Dual Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX218C/D Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX218C/D Datasheet HTML 1Page - Maxim Integrated Products MAX218C/D Datasheet HTML 2Page - Maxim Integrated Products MAX218C/D Datasheet HTML 3Page - Maxim Integrated Products MAX218C/D Datasheet HTML 4Page - Maxim Integrated Products MAX218C/D Datasheet HTML 5Page - Maxim Integrated Products MAX218C/D Datasheet HTML 6Page - Maxim Integrated Products MAX218C/D Datasheet HTML 7Page - Maxim Integrated Products MAX218C/D Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1.8V to 4.25V-Powered,
True RS-232 Dual Transceiver
4
_______________________________________________________________________________________
8
-8
0
TRANSMITTER OUTPUT VOLTAGE vs.
LOAD CAPACITANCE AT 120kbps
LOAD CAPACITANCE (pF)
3000
0
-2
-6
-4
1000
2000
5000
6
4
2
4000
VOUT+
VOUT-
12
0
SLEW RATE vs.
TRANSMITTER CAPACITANCE
LOAD CAPACITANCE (pF)
3000
4
2
0
1000
2000
5000
10
8
6
4000
+SLEW
-SLEW
DATA RATE 120kbps,
TRANSMITTERS LOADED WITH
3k
Ω PLUS INDICATED CAPACITANCE
__________________________________________Typical Operating Characteristics
(Circuit of Figure 1, VCC = 1.8V, all transmitter outputs loaded with 3kΩ, TA = +25°C, unless otherwise noted.)
120
140
0
1.8
SUPPLY CURRENT vs.
SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.6
60
40
20
2.4
3.0
80
100
4.2
1 TRANSMITTER FULL DATA RATE
1 TRANSMITTER 1/8 DATA RATE
RL = 3kΩ + 2500pF
240kbps
120kbps
20kbps
0kbps
100
20
0
TRANSMITTING SUPPLY CURRENT
vs. LOAD CAPACITANCE
LOAD CAPACITANCE (pF)
3000
60
50
30
40
1000
2000
5000
90
80
70
4000
20kbps
120kbps
VCC = 2.4V
TRANSMITTER 1 OPERATING
AT SPECIFIED BIT RATE,
TRANSMITTER 2 OPERATING
AT 1/16 THAT RATE.
235kbps
VOH
SHDN
T_OUT
2V/div
VOL
TIME TO EXIT SHUTDOWN
(ONE TRANSMITTER HIGH,
ONE TRANSMITTER LOW)
100
µs/div
VCC = 1.8V
RL = 3kΩ || 2500pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com