Electronic Components Datasheet Search
  English  ▼

X  

MAX218C/D Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX218C/D
Description  1.8V to 4.25V-Powered, True RS-232 Dual Transceiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX218C/D Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX218C/D Datasheet HTML 1Page - Maxim Integrated Products MAX218C/D Datasheet HTML 2Page - Maxim Integrated Products MAX218C/D Datasheet HTML 3Page - Maxim Integrated Products MAX218C/D Datasheet HTML 4Page - Maxim Integrated Products MAX218C/D Datasheet HTML 5Page - Maxim Integrated Products MAX218C/D Datasheet HTML 6Page - Maxim Integrated Products MAX218C/D Datasheet HTML 7Page - Maxim Integrated Products MAX218C/D Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1.8V to 4.25V-Powered,
True RS-232 Dual Transceiver
_______________________________________________________________________________________
3
TIMING CHARACTERISTICS
(Circuit of Figure 1, VCC = 1.8V to 4.25V, C1 = 0.47µF, C2 = C3 = C4 = 1µF, L1 = 15µH, TA = TMIN to TMAX, unless otherwise noted.
Typical values are at VCC = 3.0V, TA = +25°C.)
1000pF
|| 3k
Ω load each transmitter,
150pF load each receiver
TA = +25°C, VCC = 3.0V, RL = 3kΩ to 7kΩ,
CL = 50pF to 2500pF, measured from
+3V to -3V or -3V to +3V
2500pF
|| 3k
Ω load
150pF load
150pF load
2500pF
|| 3k
Ω load
CONDITIONS
ns
200
500
tDR
Receiver Output Disable Time
ns
90
300
tER
kbps
120
Data Rate
Receiver Output Enable Time
V/µs
3.0
30
Transition Region Slew Rate
1.8
2.7
tPLHT
Transmitter Propagation Delay
µs
140
450
tET
Transmitter Output Enable Time
ns
290
700
tPHLR
260
700
tPLHR
Receiver Propagation Delay
µs
1.9
2.7
tPHLT
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
ns
500
tDT
Transmitter Output Disable Time
______________________________________________________________Pin Description
Receiver Inputs
R2IN, R1IN
11, 12
Transmitter Outputs; swing between V+ and V-.
T2OUT, T1OUT
13, 14
Negative Supply generated on-board
V-
15
Terminals for Negative Charge-Pump Capacitor
C1-, C1+
16, 18
Positive Supply generated on-board
V+
19
Ground. Connect all GND pins to ground.
GND
5, 17, 20
Supply Voltage Input; 1.8V to 4.25V. Bypass to GND with at least 1µF. See
Capacitor
Selection section.
VCC
6
Transmitter Inputs
T1IN, T2IN
7, 8
Receiver Outputs; swing between GND and VCC.
R1OUT, R2OUT
9, 10
Receiver Output Enable Control. Connect to VCC for normal operation. Connect to GND to
force the receiver outputs into high-Z state.
EN
4
Shutdown Control. Connect to VCC for normal operation. Connect to GND to shut down the
power supply and to disable the drivers. Receiver status is not changed by this control.
S
H
D
N
3
PIN
Not internally connected
N.C.
2
Inductor/Diode Connection Point
LX
1
FUNCTION
NAME



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com