Electronic Components Datasheet Search
  English  ▼

X  

IR2125 Datasheet(PDF) 2 Page - International Rectifier

Part # IR2125
Description  CURRENT LIMITING SINGLE CHANNEL DRIVER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2125 Datasheet(HTML) 2 Page - International Rectifier

  IR2125 Datasheet HTML 1Page - International Rectifier IR2125 Datasheet HTML 2Page - International Rectifier IR2125 Datasheet HTML 3Page - International Rectifier IR2125 Datasheet HTML 4Page - International Rectifier IR2125 Datasheet HTML 5Page - International Rectifier IR2125 Datasheet HTML 6Page - International Rectifier IR2125 Datasheet HTML 7Page - International Rectifier IR2125 Datasheet HTML 8Page - International Rectifier IR2125 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
IR2125(S) & (PbF)
2
www.irf.com
Symbol
Definition
Min.
Max.
Units
VB
High Side Floating Supply Voltage
-0.3
525
VS
High Side Floating Offset Voltage
VB - 25
VB + 0.3
VHO
High Side Floating Output Voltage
VS - 0.3
VB + 0.3
VCC
Logic Supply Voltage
-0.3
25
V
VIN
Logic Input Voltage
-0.3
VCC + 0.3
VERR
Error Signal Voltage
-0.3
VCC + 0.3
VCS
Current Sense Voltage
VS - 0.3
VB + 0.3
dVs/dt
Allowable Offset Supply Voltage Transient
—
50
V/ns
PD
Package Power Dissipation @ TA ≤ +25°C (8 lead PDIP)
—
1.0
(16 lead SOIC)
—
1.25
RthJA
Thermal Resistance, Junction to Ambient
(8 lead PDIP)
—
125
(16lLead SOIC)
—
100
TJ
Junction Temperature
—
150
TS
Storage Temperature
-55
150
TL
Lead Temperature (Soldering, 10 seconds)
—
300
Absolute Maximum Ratings
Absolute Maximum Ratings indicate sustained limits beyond which damage to the device may occur. All voltage param-
eters are absolute voltages referenced to COM. The Thermal Resistance and Power Dissipation ratings are measured
under board mounted and still air conditions.
Symbol
Definition
Min.
Max.
Units
VB
High Side Floating Supply Voltage
VS + 12
VS + 18
VS
High Side Floating Offset Voltage
Note 1
500
VHO
High Side Floating Output Voltage
VS
VB
VCC
Logic Supply Voltage
0
18
VIN
Logic Input Voltage
0
VCC
VERR
Error Signal Voltage
0
VCC
VCS
Current Sense Signal Voltage
VS
VB
TA
Ambient Temperature
-40
125
°C
Note 1: Logic operational for VS of -5 to +500V. Logic state held for VS of -5V to -VBS. (Please refer to the Design Tip
DT97-3 for more details).
Recommended Operating Conditions
The Input/Output logic timing diagram is shown in Figure 1. For proper operation the device should be used within the
recommended conditions. The VS offset rating is tested with all supplies biased at 15V differential.
W
°C/W
°C
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com