Electronic Components Datasheet Search
  English  ▼

X  

IR2125 Datasheet(PDF) 1 Page - International Rectifier

Part # IR2125
Description  CURRENT LIMITING SINGLE CHANNEL DRIVER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2125 Datasheet(HTML) 1 Page - International Rectifier

  IR2125 Datasheet HTML 1Page - International Rectifier IR2125 Datasheet HTML 2Page - International Rectifier IR2125 Datasheet HTML 3Page - International Rectifier IR2125 Datasheet HTML 4Page - International Rectifier IR2125 Datasheet HTML 5Page - International Rectifier IR2125 Datasheet HTML 6Page - International Rectifier IR2125 Datasheet HTML 7Page - International Rectifier IR2125 Datasheet HTML 8Page - International Rectifier IR2125 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Features
• Floating channel designed for bootstrap operation
Fully operational to +500V
Tolerant to negative transient voltage
dV/dt immune
• Gate drive supply range from 12 to 18V
• Undervoltage lockout
• Current detection and limiting loop to limit driven
power transistor current
• Error lead indicates fault conditions and programs
shutdown time
• Output in phase with input
• 2.5V, 5V and 15V input logic compatible
• Also available LEAD-Free
Description
The IR2125(S) is a high voltage, high speed power
MOSFET and IGBT driver with over-current limiting
protection circuitry. Proprietary HVIC and latch im-
mune CMOS technologies enable ruggedized mono-
lithic construction. Logic inputs are compatible with
standard CMOS or LSTTL outputs, down to 2.5V
logic. The output driver features a high pulse current
CURRENT LIMITING SINGLE CHANNEL DRIVER
Product Summary
VOFFSET
500V max.
IO+/-
1A / 2A
VOUT
12 - 18V
VCSth
230 mV
ton/off (typ.)
150 & 150 ns
Packages
Typical Connection
buffer stage designed for minimum driver cross-conduction. The protection circuitry detects over-current in the
driven power transistor and limits the gate drive voltage. Cycle by cycle shutdown is programmed by an external
capacitor which directly controls the time interval between detection of the over-current limiting conditions and
latched shutdown. The floating channel can be used to drive an N-channel power MOSFET or IGBT in the high
or low side configuration which operates up to 500 volts.
V
CC
V
B
CS
HO
V
S
COM
IN
ERR
V
CC
IN
TO
LOAD
up to 500V
IR2125(S) & (PbF)
Data Sheet No. PD60017 Rev.Q
www.irf.com
1
(Refer to Lead Assignments
for correct pin configura-
tion). This/These diagram(s)
show electrical connections
only. Please refer to our
Application Notes and
DesignTips for proper circuit
board layout.
8-Lead PDIP
16-Lead SOIC
(Wide Body)


Similar Part No. - IR2125

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2125 IRF-IR2125 Datasheet
490Kb / 16P
CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125 IRF-IR2125 Datasheet
216Kb / 17P
CURRENT LIMITING SINGLE CHANNEL DRIVER
logo
Infineon Technologies A...
IR2125 INFINEON-IR2125 Datasheet
218Kb / 17P
CURRENT LIMITING SINGLE CHANNEL DRIVER
Data Sheet No. PD60017 Rev.Q
logo
International Rectifier
IR2125PBF IRF-IR2125PBF Datasheet
216Kb / 17P
CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125S IRF-IR2125S Datasheet
216Kb / 17P
CURRENT LIMITING SINGLE CHANNEL DRIVER
More results

Similar Description - IR2125

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2125 IRF-IR2125 Datasheet
490Kb / 16P
CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125Z IRF-IR2125Z Datasheet
140Kb / 16P
CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2121PBF IRF-IR2121PBF Datasheet
155Kb / 16P
CURRENT LIMITING LOW SIDE DRIVER
IR2125S IRF-IR2125S Datasheet
216Kb / 17P
CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125PBF IRF-IR2125PBF Datasheet
216Kb / 17P
CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125SPBF IRF-IR2125SPBF Datasheet
216Kb / 17P
CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2121 IRF-IR2121_15 Datasheet
155Kb / 16P
CURRENT LIMITING LOW SIDE DRIVER
IR2125Z IRF-IR2125Z_15 Datasheet
245Kb / 16P
CURRENT LIMITING SINGLE CHANNEL DRIVER
logo
Infineon Technologies A...
IR2121 INFINEON-IR2121 Datasheet
155Kb / 16P
CURRENT LIMITING LOW SIDE DRIVER
IR2125 INFINEON-IR2125 Datasheet
218Kb / 17P
CURRENT LIMITING SINGLE CHANNEL DRIVER
Data Sheet No. PD60017 Rev.Q
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com