Electronic Components Datasheet Search
  English  ▼

X  

IR2125 Datasheet(PDF) 11 Page - International Rectifier

Part # IR2125
Description  CURRENT LIMITING SINGLE CHANNEL DRIVER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2125 Datasheet(HTML) 11 Page - International Rectifier

Back Button IR2125 Datasheet HTML 7Page - International Rectifier IR2125 Datasheet HTML 8Page - International Rectifier IR2125 Datasheet HTML 9Page - International Rectifier IR2125 Datasheet HTML 10Page - International Rectifier IR2125 Datasheet HTML 11Page - International Rectifier IR2125 Datasheet HTML 12Page - International Rectifier IR2125 Datasheet HTML 13Page - International Rectifier IR2125 Datasheet HTML 14Page - International Rectifier IR2125 Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
www.irf.com
11
IR2125(S) & (PbF)
0.00
1.00
2.00
3.00
4.00
5.00
-50
-25
0
25
50
75
100
125
Temperature (°C)
Max.
0
5
10
15
20
25
-50
-25
0
25
50
75
100
125
Temperature (°C)
Max.
Typ.
0.00
0.40
0.80
1.20
1.60
2.00
-50
-25
0
25
50
75
100
125
Temperature (°C)
Max.
Typ.
Figure 23A. Logic “1” Input Current vs.
Temperature
Figure 23B. Logic “1” Input Current vs. Voltage
Figure 22A. VCC Supply Current vs. Temperature
Figure 22B. VCC Supply Current vs. Voltage
Figure 24A. Logic “0” Input Current vs.
Temperature
Figure 24B. Logic “0” Input Current vs. Voltage
0.00
0.40
0.80
1.20
1.60
2.00
10
12
14
16
18
20
VCC Logic Supply Voltage (V)
Max.
Typ.
0
5
10
15
20
25
10
12
14
16
18
20
VCC Logic Supply Voltage (V)
Max.
Typ.
0.00
1.00
2.00
3.00
4.00
5.00
10
12
14
16
18
20
VCC Logic Supply Voltage (V)
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com